Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3206-R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP3206-R
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3206-R Datasheet(HTML) 6 Page - NXP Semiconductors

  PIP3206-R Datasheet HTML 1Page - NXP Semiconductors PIP3206-R Datasheet HTML 2Page - NXP Semiconductors PIP3206-R Datasheet HTML 3Page - NXP Semiconductors PIP3206-R Datasheet HTML 4Page - NXP Semiconductors PIP3206-R Datasheet HTML 5Page - NXP Semiconductors PIP3206-R Datasheet HTML 6Page - NXP Semiconductors PIP3206-R Datasheet HTML 7Page - NXP Semiconductors PIP3206-R Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Preliminary specification
TOPFET high side switch
PIP3206-R
SMD version
OVERLOAD PROTECTION / DETECTION CHARACTERISTICS
6 V
≤ V
BG ≤ 35 V, limits are at -40˚C ≤ Tmb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Overload protection
V
BL = VBG
I
L(lim)
Load current limiting
V
BG ≥ 9 V
10
15
21
A
Short circuit load detection
Status indication only
V
BL(TO)
Battery load threshold voltage
1
V
BG = 16 V
8
10
12
V
V
BG = 35 V
15
20
25
V
Overtemperature protection
T
j(TO)
Threshold junction
150
170
190
˚C
temperature
2
SWITCHING CHARACTERISTICS
T
mb = 25 ˚C, VBG = 13 V, for resistive load RL = 13 Ω.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
During turn-on
from input going high
t
d on
Delay time
to 10% V
L
-40
60
µs
dV/dt
on
Rate of rise of load voltage
30% to 70% V
L
-
0.5
1
V/
µs
t
on
Total switching time
to 90% V
L
-
180
250
µs
During turn-off
from input going low
t
d off
Delay time
to 90% V
L
-50
70
µs
dV/dt
off
Rate of fall of load voltage
70% to 30% V
L
-
0.5
1
V/
µs
t
off
Total switching time
to 10% V
L
-
85
120
µs
CAPACITANCES
T
mb = 25 ˚C; f = 1 MHz; VIG = 0 V.
designed in parameters.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
ig
Input capacitance
V
BG = 13 V
-
15
20
pF
C
bl
Output capacitance
V
BL = 13 V
-
635
900
pF
C
sg
Status capacitance
V
SG = 5 V
-
11
15
pF
1 The battery to load threshold voltage for short circuit detection is proportional to the battery supply voltage.
2 Latched protection. After cooling below the threshold temperature the switch will resume normal operation only after the input has been
toggled low.
October 2001
6
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com