Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLM110 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLM110
Description  110 Watt Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLM110 Datasheet(HTML) 2 Page - SL Power Electronics

  GLM110 Datasheet HTML 1Page - SL Power Electronics GLM110 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp, 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com Rev. 02/11/10.
Data Sheet © 2010 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50°
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (C)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (B)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GLC110/GLM110 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power. Derated output current and toal
output power by 2.5% per °C above 50°C.
B. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
C. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
Commercial
Model
Medical
Model
RoHS
Suffix*
Output
No.
Output
Output
Minumum
Output
Normal (A)
Forced Air
(B)
Output Peak
Noise P-P
OVP
Total Regu-
lation ( C )
GLC110-212
GLM110-212
G
1
+12 V
1 A
6.3 A
9.1 A
9.5 A
100 mV
15.6 ± 1.1 V
2%
2
-12 V
0 A
2.5 A
3 A
4 A
120 mV
2%
GLC110-215
GLM110-215
G
1
+15 V
1 A
5 A
7.3 A
7.7 A
120 mV
18.5 ± 1.5 V
2%
2
-15 V
0 A
2.5 A
3 A
4 A
150 mV
2%
GLC110-524
GLM110-524
G
1
+24 V
1 A
3.2 A
4.6 A
4.75 A
200 mV
28 ± 2.5 V
2%
2
+5 V
0 A
1.5 A
2 A
2.5 A
50 mV
6.2 ± 0.6 V
2%
GLC110-12
GLM110-12
G
1
12 V
0 A
6.3 A
9.1 A
9.5 A
120 mV
15.6 ± 1.1 V
2%
GLC110-15
GLM110-15
G
1
15 V
0 A
5 A
7.3 A
7.7 A
150 mV
18.5 ± 1.5 V
2%
GLC110-24
GLM110-24
G
1
24 V
0 A
3.2 A
4.6 A
5 A
240 mV
28 ± 2.5 V
2%
* Add “G” suffix to part number for RoHS compliant model. Contact factory for availability.
A. Rating with unrestricted convection cooling. Total power not to exceed 75 W; no output can exceed rated current.
B. Rating with 26 cfm forced air cooling. Total power not to exceed 110 W.
C. To maintain regulation V1 current must be at least 1/5 of V2. V1 must not be adjusted more than 1% below nominal and have at least 10% of rated load.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com