Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINT2270 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MINT2270
Description  Medical ??Universal Input Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT2270 Datasheet(HTML) 2 Page - SL Power Electronics

  MINT2270 Datasheet HTML 1Page - SL Power Electronics MINT2270 Datasheet HTML 2Page - SL Power Electronics MINT2270 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Model Number Key
19
Output Voltage Configuration, "19" = 5V, 24V outputs
76
Output Connector
MINT
Input Connector
01
01 = Standard Model, Remote ON/OFF in "OFF" configuration.
02 = Standard Model, Remote ON/OFF in "ON" configuration.
03 and higher indicates a modified model.
Product Family: "M" = Medical, "I" = Internal, "NT" = New Technology
2
# of Outputs
270
Output Power (Watts)
A
Model Configuration
E
MINT2270A1976E0X
1
5V
0.2A
1%
5%
1.5A
7.0V
2
24V
11.25A
1%
2%
15.5A
30.0V
Note: “X” in model number as shown above is replaced by a numeral which will signify the remote on/off configuration, or other potential
modifications. See model number key below.
Remote ON/OFF (PS-ON):
On = logic high, off = logic low or open.
Model suffix “01” will be in the normally OFF configuration. Model suffix
“02” will be in the normally “ON” configuration.
Shock
Operating:
Half-sine, 20 gpk, 10 ms, 3 axes, 6 shocks total
Non-Operating: Half-sine, 40 gpk, 10 ms, 3 axes, 6 shocks total
AC-OK Signal
“High” when input voltage exceeds 68VAC, “Low” when input voltage is less
than 68VAC.
Vibration
Operating:
0.003 g
2/Hz, 1.5 g
rms overall, 3 axes, 10 min. / axis
Non-Operating:
0.026 g
2/Hz, 5.0 g
rms overall, 3 axes,
1 hr. / axis
DC-OK Signal
“High” when the 24V output is within normal range. “Low” upon an
overvoltage, overcurrent, undervoltage, or short circuit condition, or when
the PS-ON is disabled (“OFF”).
Altitude
Operating: -500 to 10,000 ft. MSL
Non-Operating: -500 to 40,000 ft. MSL
Conducted Emissions
EN55011 Class B, FCC Part 15, Class B.
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 10V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz..
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11 240VAC, 0%/0.5 cycle, 40%/5cycles, 70%/25
cycles
Line Frequency Harmonics
EN61000-3-2, Class A
MINT2270A
270W Dual Output Series
Medical – Universal Input Power Supply
2 Year Warranty
Output Parameters
Model
Output
Output
Output
Ripple
Total
OCP
OVP
Number
No.
Volts (V)
Current
& Noise
Regulation
Limit
Limit
EMI/EMC Compliance
Specifications (continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com