Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF Datasheet(PDF) 2 Page - XP Power Limited

Part # ISF
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISF Datasheet(HTML) 2 Page - XP Power Limited

  ISF Datasheet HTML 1Page - XP Power Limited ISF Datasheet HTML 2Page - XP Power Limited ISF Datasheet HTML 3Page - XP Power Limited ISF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISF Series
www.xppower.com
2
DC-DC Converter
Models & Ratings: Single Output - Standard
Models & Ratings: Single Output - Option’X’
Notes
1. All dimensions in inches (mm)
2. Tolerance: ±0.010 (±0.25)
3. Weight: 0.004 lbs (1.7 g)
4. Pin tolerance: ±0.004 (±0.10 mm)
Mechanical Details
Input Voltage
Output Voltage
Output Current
Isolation
Efficiency
Model Number
3.3 V
3.3 V
300 mA
1 kV
73%
ISF0303A
5.0 V
200 mA
1 kV
72%
ISF0305A
5.0 V
5.0 V
200 mA
1 kV
79%
ISF0505A
9.0 V
110 mA
1 kV
76%
ISF0509A
12.0 V
84 mA
1 kV
79%
ISF0512A
15.0 V
67 mA
1 kV
78%
ISF0515A
12.0 V
5.0 V
200 mA
1 kV
69%
ISF1205A
9.0 V
110 mA
1 kV
76%
ISF1209A
12.0 V
84 mA
1 kV
73%
ISF1212A
15.0 V
67 mA
1 kV
74%
ISF1215A
24.0 V
5.0 V
200 mA
1 kV
72%
ISF2405A
12.0 V
84 mA
1 kV
73%
ISF2412A
24.0 V
42 mA
1 kV
77%
ISF1224A
Input Voltage
Output Voltage
Output Current
Isolation
Efficiency
Model Number
3.3 V
3.3 V
300 mA
1 kV
73%
ISF0303A-X
5.0 V
200 mA
1 kV
74%
ISF0305A-X
5.0 V
3.3 V
300 mA
1 kV
74%
ISF0503A-X
5.0 V
200 mA
1 kV
77%
ISF0505A-X
15.0 V
67 mA
1 kV
78%
ISF0515A-X
PIN CONNECTIONS
+Vin
-Vin
-Vout
0 V
+Vout
N/C
2
1
N/A
4
5
3,6,7,8
Single Output - Standard
0.300
(7.62)
0.100
(2.54)
0.010
(0.25)
0.079
(2.00)
0.039
(1.00)
0.100 ±0.004
(2.54 ±0.10)
0.024 ±0.002
(0.60 ±0.05)
0.500 (12.70)
Recommended Footprint
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
1234
5
876
PIN CONNECTIONS
+Vin
-Vin
-Vout
0 V
+Vout
N/C
2
1
N/A
4
5
8
Single Output - Option ‘-X’
0.300
(7.62)
0.100
(2.54)
0.010
(0.25)
0.079
(2.00)
0.039
(1.00)
0.100 ±0.004
(2.54 ±0.10)
0.024 ±0.002
(0.60 ±0.05)
0.500 (12.70)
Recommended Footprint
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
12
4
5
8
0.01
(0.25)
0.053
(1.35)
0.02 (0.25)
5
0.335 (8.5)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com