Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC0900H Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # TC0900H
Description  SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

TC0900H Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  TC0900H Datasheet HTML 1Page - Lite-On Technology Corporation TC0900H Datasheet HTML 2Page - Lite-On Technology Corporation TC0900H Datasheet HTML 3Page - Lite-On Technology Corporation TC0900H Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SYMBOL
VDRM
IDRM
VBR
IBR
VBO
IBO
PARAMETER
Stand-off Voltage
Leakage current at stand-off voltage
Breakdown voltage
Breakdown current
Breakover voltage
Holding current
Note: 1
IH
VT
IPP
CO
On state voltage
Peak pulse current
Off state capacitance
Note: 2
Breakover current
VDRM
IDRM
VBR
IBR
VBO
IBO
IH
VT
IPP
V
I
NOTES: 1. IH > (VL/RL) If this criterion is not obeyed, the TSPD Triggers but does not return correctly to high-resistance state.
The Surge recovery time does not exceed 30ms.
2. Off-state capacitance measured at f=1.0MHz; 1.0VRMS signal; VR=2VDC bias.
TC0640H
TC0720H
75
58
65
TC0900H
TC1100H
TC1300H
TC1500H
TC1800H
TC2300H
TC2600H
TC3100H
TC3500H
140
90
120
220
160
190
275
320
5
5
5
5
5
5
5
5
5
5
5
98
77
88
180
130
160
300
220
265
350
400
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
150
150
150
150
150
150
150
150
150
150
150
200
200
200
120
120
120
80
120
80
80
80
50
50
50
50
50
50
50
50
50
50
50
Max
PARAMETER
SYMBOL
UNITS
LIMIT
RATED
REPETITIVE
OFF-STATE
VOLTAGE
OFF-STATE
LEAKAGE
CURRENT
@ VDRM
BREAKOVER
VOLTAGE
ON-STATE
VOLTAGE
@ IT=1.0A
HOLDING
CURRENT
OFF-STATE
CAPACITANCE
Max
Max
Max
Min
Max
Min
Typ
VDRM
IDRM
VBO
VT
IBO-IBO+
IH-
Co
Volts
uA
Volts
Volts
mA
mA
mA
pF
ELECTRICAL CHARACTERISTICS @ TA= 25℃
℃
℃
℃ unless otherwise specified
TC0640H thru TC3500H
BREAKOVER
CURRENT
800
800
800
800
800
800
800
800
800
800
800
Max
IH+
mA
800
800
800
800
800
800
800
800
800
800
800
REV. 0, 03-Dec-2001, KSWC02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com