Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSSRC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSSRC
Description  25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSSRC Datasheet(HTML) 2 Page - Vishay Siliconix

  VSSRC Datasheet HTML 1Page - Vishay Siliconix VSSRC Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
177
VTSRC, VSSRC, VSORC-AA
Vishay Thin Film
Document Number: 60083
Revision 06-Aug-02
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
DIMENSIONS AND IMPRINTING in inches and millimeters
B
C
Pin #1
Model
Date
Code
D
A
RES/CAP
x x x x x
xxx/xxx
x x x x
E
H
J
G
F
W
RES/CAP
NOTE: Mold flash not included in body dimensions.
25 or 50 Mil Pitch, T-Filter R/C Networks
MODEL
VTSRC20-AA
VSSRC20-AA
VSORC20-AA
INCHES
MILLIMETERS
INCHES
MILLIMETERS
INCHES
MILLIMETERS
A
0.256
± 0.003
6.5
± 0.08
0.351 Max.
8.91 Max.
0.500
± 0.010
12.7
± 0.25
B (Ref.)
0.025
0.65
0.025
0.64
0.050
1.27
C (Ref.)
0.0087
0.22
0.010
0.25
0.016
0.41
D
0.004
0.10
0.006
0.15
0.008
0.20
E (Typ.)
0.024
0.61
0.025
0.64
0.030
0.76
F
0.173
± 0.003
4.39
± 0.08
0.154
± 0.003
3.9
0.293
± 0.003
7.44
G
0.015 x 45
°
0.38
0.015 x 45
°
0.38
0.025 x 45
°
0.64
H
0.252
± 0.005
6.4
± 0.13
0.236
± 0.008
6.0
± 0.20
0.406
± 0.005
10.31
J (Ref.)
0.005
0.13
0.010
0.25
0.010
0.25
W
0.043
± 0.005
1.09
± 0.13
0.064
± 0.005
1.6
0.100
± 0.005
2.59
MODEL
LEADS
TAPE AND REEL
TUBES
VTSRC (TSSOP)
20
2,500
74
VSSRC (SSOP)
20
2,500
55
VSORC (SOIC)
20
1,000
38
PACKING
IMPRINTING
VSORC, VSSRC, VTSRC
20
AA
XXX / XXX
MODEL
PIN COUNT
SCHEMATIC
RESISTANCE / CAPACITANCE
Code: e.g.
Code: e.g.
100 = 10 ohm
101 = 100pF
XXXX
Date Code
*Optional marking
DERATING CURVE
100
80
60
40
20
0
-50
0
25
70
125
150
Ambient Temperature
°C
Resistive Element
Tantalum Nitride
Substrate Material
Silicon
Body
Molded Epoxy
Terminals
Copper Alloy
Plating
Tin Lead
Lead Coplanarity
0.0005 Inches
Marking Resistance
Permanency testing per
to Solvents
MIL-STD-202, Method 215
MECHANICAL SPECIFICATIONS
How to Order
MODEL
Number of LeadsSchematic
Resistance Value (Code
Ω) Capacitor Tolerance (Code pF)
Packaging
VTSRC
20
AA
xxxK / xxxM
Tape & Reel
VSSRC
20
AA
or Tubes
VSORC
20
AA
First 2 digits are significant
K =10%
figures. Last digit specifies
M = 20%
number of zeros to follow.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com