Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD20PUN Datasheet(PDF) 1 Page - CUI INC

Part # SCD20PUN
Description  Characteristics of SCD15PUN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SCD20PUN Datasheet(HTML) 1 Page - CUI INC

  SCD20PUN Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20
0.5
15
4-Ø0.8
ØB
4
5
10
2.5
7.62
1
6
5
4
3
2
REV.
SCDXXPUN
A
SPECIFICATIONS
(Vcc = +5V, RL = 10k
Ω, Ta = 25°C)
Model
SCD03PUN SCD05PUN SCD10PUN SCD15PUN SCD20PUN
Rated Current
+3A
+5A
+10A
+15A
+20A
Linearity Range
+6A
+10A
+20A
+30A
+40A
Output Voltage
2.3V±40mV @ Rated Current
Zero Current Offset Voltage
0.3V±30mV max. (after demagnetization)
Output Voltage Linearity
≤0.5% @ rated current
Supply Voltage
5V ±5%
Max Current Consumption
10mA max.
Response
7µS typ. @ 50 Amp/Turns/µS
Output V Temp Char
±0.1%/°C max. @ rated current
Zero Current Offset V Temp Char
±1.5mV/°C max.
Hysteresis
8mV max. @ rated current to 0A
Primary Overcurrent
10X rated current, 50 mS, no damage
Withstand Voltage
2000 VAC, 50/60Hz, 1 minute between primary coil & terminal*
Insulation Resistance
500 VDC, 500M
Ω between primary coil & terminal
Operating Temp
-10° to +75° C
Storage Temp
-30 to +90°C
* "-S" model available with 4500VAC, 50/60Hz, 1 minute between primary coil & terminal.
PART NO.
DRAWN BY
UPDATED
CHECKED
RELEASED
Output Voltage vs Temperature
Output Voltage vs Input Current
Pin# 1
+5V
2NC
3
Output
40V
5
Input (+)
6
Input (-)
Model
ØA
ØB
SCD03PUN
0.7
1.2
SCD05PUN
1.0
1.5
SCD10PUN
1.2
1.7
SCD15PUN
1.5
2.0
SCD20PUN
1.8
2.3
Mounting Hole Dimensions
Pin Assignments
Ordering Information
SCD
PUN
Current Rating:
03:
3A
05:
5A
10: 10A
15: 15A
20: 20A
Input Current Polarity:
N: +(DC only)
R: ± (bipolar)
Input Voltage:
A: ±15VDC
B: ±12VDC
S: +12VDC
T:
±5VDC
U:
+5VDC
C U I Inc.
9615 SW Allen Blvd., #103
Beaverton, OR
97005
Tel: 503/643-4899 FAX: 503/643-6129
Offset Voltage vs Temperature
0.5
-7.5
0
7.5
15
22.5
INPUT CURRENT (A)
30
37.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2.26
-15
02040
60
AMBIENT TEMPERATURE Ta (˚C)
80
90
2.27
2.28
2.29
2.30
2.31
2.32
2.33
2.34
2.35
2.25
Max
Min
Avg
0.26
-15
01020
40
AMBIENT TEMPERATURE Ta (˚C)
60
80
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.25
Max
Avg
Min
90
JAS
07/02/02
07/02/02
© C U I Inc., 2002
Characteristics of SCD15PUN


Similar Part No. - SCD20PUN

ManufacturerPart #DatasheetDescription
logo
CUI INC
SCD20PUN CUI-SCD20PUN Datasheet
536Kb / 1P
current sensor
More results

Similar Description - SCD20PUN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
Electrical Characteristics of IGBT
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
characteristics of SAW Filter
SEPT 04
logo
Dynex Semiconductor
AN5950 DYNEX-AN5950 Datasheet
1Mb / 23P
TABLES OF CHARACTERISTICS
logo
Murata Manufacturing Co...
GRM0332C1E3R6CA01 MURATA-GRM0332C1E3R6CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R6WA01 MURATA-GRM0332C1E3R6WA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
GRM0332C1E3R7CA01 MURATA-GRM0332C1E3R7CA01 Datasheet
49Kb / 1P
Temperature range of temperature characteristics
logo
CUI INC
SCDXXPUR CUI-SCDXXPUR Datasheet
559Kb / 1P
Characteristics of SCD10PUR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com