Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8502SCO2V01S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8502SCO2V01S
Description  NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 24 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8502SCO2V01S Datasheet(HTML) 1 Page - Schneider Electric

  8502SCO2V01S Datasheet HTML 1Page - Schneider Electric 8502SCO2V01S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
8502SCO2V01S
NEMA Contactor, Type S, nonreversing, Size 1,
27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3
pole, 24 VAC coil, open
Price* : 485.00 USD
Main
Product Type
Contactor
Type
8502S
Control Circuit Type
Separate control circuit
Control Circuit Voltage
24 V AC 60 Hz
Contactor Type
Non-reversing
Current Rating
27 A
Number of Poles
3P
Phase
3 phase
Horsepower Rating
7.5 HP 200 V AC
7.5 HP 230 V AC
10 HP 460 V AC
10 HP 575 V AC
Maximum Voltage Rating
600 V AC
SCCR
Circuit-breaker 70 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 60 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 60 A maximum, SCCR: 100 kA at 600 V AC
Control Units
No control units
Pilot Light
No indicator
Auxiliary Contacts
Without
Control Circuit Fusing
Fuse not supplied
Electrical Connection
Screw clamp terminals
Enclosure Type
Not rated (open device)
Certifications
UL listed file E78351 CCN NLDX
CSA
NEMA Size
1
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 11, 2020
1


Similar Part No. - 8502SCO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SCO2V01S SCHNEIDER-8502SCO2V01S Datasheet
146Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 24 VAC coil, open
May 16, 2022
8502SCO2V01S SCHNEIDER-8502SCO2V01S_V01 Datasheet
146Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 24 VAC coil, open
May 16, 2022
More results

Similar Description - 8502SCO2V01S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SCO2V02SX10 SCHNEIDER-8502SCO2V02SX10 Datasheet
163Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SCO2V03S SCHNEIDER-8502SCO2V03S Datasheet
122Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 240 VAC coil, open
Dec 11, 2020
8502SCO2V06S SCHNEIDER-8502SCO2V06S Datasheet
122Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 480 VAC coil, open
Dec 11, 2020
8502SCO2V08S SCHNEIDER-8502SCO2V08S Datasheet
122Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 208 VAC coil, open
Dec 11, 2020
8502SCO4V01S SCHNEIDER-8502SCO4V01S Datasheet
185Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 5 pole, 24 VAC coil, open
Dec 11, 2020
8502SCO2V02SY434 SCHNEIDER-8502SCO2V02SY434_V01 Datasheet
196Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 13, 2022
8502SCO2V06 SCHNEIDER-8502SCO2V06_V01 Datasheet
209Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 480 VAC coil, open
May 13, 2022
8502SCO2V01S SCHNEIDER-8502SCO2V01S_V01 Datasheet
146Kb / 3P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 24 VAC coil, open
May 16, 2022
8502SCO2V07 SCHNEIDER-8502SCO2V07_V01 Datasheet
196Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 600 VAC coil, open
May 16, 2022
8502SCO4V01S SCHNEIDER-8502SCO4V01S_V01 Datasheet
195Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 1, 27A, 10 HP at 575 VAC, 3 phase, up to 100 kA, 5 pole, 24 VAC coil, open
May 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com