Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2406 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2406
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2406 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2406 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2406 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2406 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SA1034, 2SA1035
0
160
40
120
80
140
20
100
60
0
240
200
160
120
80
40
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–160
–120
–40
–100
–140
–80
–20
–60
Ta=25˚C
I
B=–350µA
–300
µA
–250
µA
–200
µA
–150
µA
–100
µA
–50
µA
Collector to emitter voltage V
CE
(V)
0– 0.5
– 0.4
– 0.1
– 0.3
– 0.2
0
–160
–120
–40
–100
–140
–80
–20
–60
V
CE=–5V
Ta=25˚C
Base current I
B
(mA)
0
–1.0
– 0.8
– 0.2
– 0.6
– 0.4
0
–800
–600
–200
–500
–700
–400
–100
–300
V
CE=–5V
Ta=25˚C
Base to emitter voltage V
BE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–120
–100
–80
–60
–40
–20
V
CE=–5V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
–0.1
–1
–10
–100
–0.3
–3
–30
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
600
500
400
300
200
100
V
CE=–5V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(mA)
0.1
1
10
100
0.3
3
30
0
500
400
300
200
100
450
350
250
150
50
V
CB=–5V
Ta=25˚C
Emitter current I
E
(mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
20
16
12
8
4
18
14
10
6
2
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC —Ta
IC —VCE
IC —IB
IB —VBE
IC —VBE
VCE(sat) —IC
hFE —IC
fT —IE
Cob —VCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com