Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR5510 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR5510
Description  Sensor IC for centre detection of a light source.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5510 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR5510 Datasheet HTML 1Page - PREMA Semiconductor. PR5510 Datasheet HTML 2Page - PREMA Semiconductor. PR5510 Datasheet HTML 3Page - PREMA Semiconductor. PR5510 Datasheet HTML 4Page - PREMA Semiconductor. PR5510 Datasheet HTML 5Page - PREMA Semiconductor. PR5510 Datasheet HTML 6Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Differential Centre Detector
PR5510
OPERATING CHARACTERISTICS
VCC = 3.3 V, TJ = -40...85°C (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc
Supply voltage
3
3.3
4
V
ICC
Supply current (no load)
Rgain = 10kOhm
Rgain = 150kOhm
Rgain = open
0.4
0.4
0.4
3.2
0.8
0.7
mA
mA
mA
Output characteristics
ILoad(Lo)
Out current (Out vs. GND)
0.1
mA
Photosensors
λar
Spectral application range
Se( ar)=0.25*
λ
λpeak
500
950
nm
λpeak
Peak sensitivity
800
nm
Gain setting
The gain is set by a resistor Rgain between pin Gain and ground.
Gain Resistor
Value
Photocurrent
Multiplier
10kOhm
X 9.7
150/180kOhm
X 3.7
150kOhm V
→ CC >3.5V; 180kOhm V
→ CC < 3.5V
open
x 1.0
© PREMA Semiconductor GmbH 2017 I rev. 1742 -- PRELIMINARY DATASHEET --
Page 3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com