Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP23P06VG Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # MTP23P06VG
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MTP23P06VG Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  MTP23P06VG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MTP23P06VG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ)
- 60
0.062 at V GS = - 10 V
- 20
12.5
0.074 at VGS = - 4.5 V
- 15
S
G
D
P-Channel MOSFET
Notes:
a. See SOA curve for voltage derating.
b. Surface Mounted on 1" x 1" FR-4 boad.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
- 20
A
TC = 100 °C
- 12
Pulsed Drain Current
IDM
- 60
Continuing Source Current (Diode Conduction)
IS
- 12
Avalanche Current
IAS
- 12
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
7.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
60a
W
TA = 25 °C
2b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Junction-to-Ambientb
t
≤ 10 sec
RthJA
20
25
°C/W
Steady State
62
75
Junction-to-Case
RthJC
56
P-Channel 60-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
100 % UIS Tested
APPLICATIONS
• Load Switch
TO-220AB
Top View
GD S
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MTP23P06VG
1


Similar Part No. - MTP23P06VG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
More results

Similar Description - MTP23P06VG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com