Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPSF-S-64-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # TAPSF-S-64-R
Description  10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

TAPSF-S-64-R Datasheet(HTML) 2 Page - Silicom Ltd.

  TAPSF-S-64-R Datasheet HTML 1Page - Silicom Ltd. TAPSF-S-64-R Datasheet HTML 2Page - Silicom Ltd. TAPSF-S-64-R Datasheet HTML 3Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Technical Specifications
Fiber Ethernet General Technical Specifications
IEEE Standard / Network
topology:
Fiber 10Gigabit Ethernet, 10GBase-LR (1310nM)
Fiber Gigabit Ethernet, 1000Base-LX (1310nM)
Fiber core:
Single-Mode fiber: 9um
Insertion loss ratio:
-70/30:
70%
– Network ports to Monitor port
30%
– Network port to network port
Insertion loss:
(Typical)
Network Port: 1.8 dB
Monitor Port: 5.8 dB
Insertion loss:
(Measure)
Fabry-Perot laser: Network Port: 1.73 dB
Monitor Port: 5.54 dB
DFB laser: Network Port: 1.57 dB
Monitor Port: 5.57dB
Order Information
P/N
Description
Notes
TAPSF-S-R
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
9uM, Fiber core, splitter ratio 70/30
TAPSF-S-64-R
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
9uM, Fiber core, splitter ratio 60/40
TAPSF-S-55
10 /1 Gigabit (SM) Fiber TAP Stand Alone Unit
9uM, Fiber core, splitter ratio 50/50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com