Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU01A Datasheet(PDF) 2 Page - Sanken electric

Part # EU01A
Description  Fast-Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EU01A Datasheet(HTML) 2 Page - Sanken electric

  EU01A Datasheet HTML 1Page - Sanken electric EU01A Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Forward Voltage VF (V)
Overcurrent Cycles
Forward Voltage VF (V)
Overcurrent Cycles
Forward Voltage VF (V)
Overcurrent Cycles
Forward Voltage VF (V)
Overcurrent Cycles
Characteristic Curves
Fast-Recovery Rectifier Diodes
61
Tc —IF(AV) Derating
Tc —IF(AV) Derating
Tc —IF(AV) Derating
1
IFMS Rating
5
50
10
20ms
100
80
60
40
20
0
70
80
90
110
8
0
100
150
10
6
4
2
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150
°C
=
60
°C
100
°C
25
°C
VF —IF Characteristics (Typical)
FMU-G2YXS
1
10
50
0.1
0.01
0.001
0
1
IFMS Rating
5
20
50
10
10
20ms
30
0
1
IFMS Rating
5
50
10
10
20ms
40
30
20
70
80
90
110
4
0
100
150
5
3
2
1
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
70
80
90
110
8
0
100
150
10
6
4
2
120 130 140
t / T 1/6
=
t / T 1/ 3
, Sinewave
=
t / T 1/2
=
D.C.
VF —IF Characteristics (Typical)
0.3
0.5
0.7
0.9
0.1
1.1
1.3
1.5
Ta 150
°C
=
60
°C
100
°C
25
°C
VF —IF Characteristics (Typical)
FMUP-1056
FMUP-1106
1
10
50
0.1
0.01
0.001
0
1
IFMS Rating
5
50
10
30
20ms
10
D.C.
0
10
20
0
12
3
4
5
IF(AV)—PF Characteristics
Average Forward Current
IF(AV) (A)
t / T 1/6
=
t / T 1/2
=
Tj =150
°C
T
t
0.3
0.5
0.7
0.9
0.1
1.1
1.3
Ta 150
°C
=
60
°C
100
°C
25
°C
VF —IF Characteristics (Typical)
25
20
15
5
t / T 1/ 3
, Sinewave
=
FMU-1
series
1
10
20
0.1
0.01
0.001
Case Temperature Tc
(
°C)
Case Temperature Tc
(
°C)
Case Temperature Tc
(
°C)
0
Overcurrent Cycles
1
IFMS Rating
5
20
50
10
10
20ms
30
FMUP-2056
01
2
3
4
5
0
12
16
8
4
20
Average Forward Current
IF(AV) (A)
IF(AV)—PF Characteristics
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.001
0.01
0.1
1
10
100
Forward Voltage VF (V)
VF —IF Characteristics
t / T=1/ 3
, Sinewave
t
T
Tj =150
°C
t / T=1/6
t / T=1/2
D.C.
Ta=150
°C
100
°C
60
°C
25
°C
Under development
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta 150
°C
=
60
°C
100
°C
25
°C
1
10
100
0.1
0.01
0.001



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com