Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR16-R-4MFP1 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # JR16-R-4MFP1
Description  Voltage Rating 9 to 16 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JR16-R-4MFP1 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  JR16-R-4MFP1 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
0
SOUND
BLACK wire to Ground and ORANGE wire to Positive
TOP
BROWN wire to Ground and RED wire to Positive
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
Connections:
Options
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
Cable
Gray, UL Style 21894, 300V, 105°C, 24AWG, Pb-Free Tinned Leads
Weight (Typical)
105 grams
NEMA 12
Top Cap Material
6/6 Nylon, Color: Opaque White
Storage Temperature
-40° to +70° C
Approved with use of included gasket.
Operating Temperature
-30° to +60° C
Mounting
Recommended hole size is 22.5 mm.
Knurled Nut
The max recommended torque is 10 in-lbs.
LED Current Draw
60mA MAX
Total Max Current Draw
100mA MAX
Housing Material
6/6 Nylon, Color: Black
70 to 75 dB(A) Typ.
Sound Current Draw
40mA MAX
LED Color
RED
www.mspindy.com
Specifications:
Mallory Sonalert Products,Inc.
JR16-R-4MFP1
Sales Outline Drawing
A
Sound Level Category
Medium
Mode of Operation
Fast Pulse @ 10 PPS
Voltage Rating
9 to 16 VDC
Frequency
3900 ± 500 Hz
Loudness @ 1M
M22 x 1.5 Thread
<0.86 Maj. Dia.
Gasket
Knurl nut
4±0.1" [102± 2.54mm]
1.210 [30.73]
13.2±1" [342±25mm]
0.524 [13.31]


Similar Part No. - JR16-R-4MFP1

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
JR16-R-4MFP115 MSPI-JR16-R-4MFP115 Datasheet
170Kb / 1P
Voltage Rating 9 to 16 VDC
More results

Similar Description - JR16-R-4MFP1

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
JR16-R-4LCM1 MSPI-JR16-R-4LCM1 Datasheet
169Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-4LDP2 MSPI-JR16-R-4LDP2 Datasheet
169Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-4LFP115 MSPI-JR16-R-4LFP115 Datasheet
170Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-4LMP115 MSPI-JR16-R-4LMP115 Datasheet
170Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-4MCM1 MSPI-JR16-R-4MCM1 Datasheet
169Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-DLCM1 MSPI-JR16-R-DLCM1 Datasheet
174Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-DLFP1 MSPI-JR16-R-DLFP1 Datasheet
174Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-DLSP1 MSPI-JR16-R-DLSP1 Datasheet
174Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-R-DMFP115 MSPI-JR16-R-DMFP115 Datasheet
174Kb / 1P
Voltage Rating 9 to 16 VDC
JR16-RG-4MDP3 MSPI-JR16-RG-4MDP3 Datasheet
171Kb / 1P
Voltage Rating 9 to 16 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com