Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU02A Datasheet(PDF) 1 Page - Sanken electric

Part # EU02A
Description  Fast-Recovery Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

EU02A Datasheet(HTML) 1 Page - Sanken electric

  EU02A Datasheet HTML 1Page - Sanken electric EU02A Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
21
S type
R type
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
–0.1
+0.2
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.4±0.1
0.57±0.02
Cathode Mark
2.7±0.2
0.6±0.05
Cathode Mark
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
S type
FMUP-2056 R type
C0.5
10.0
2.2
2.6
4.2
2.8
1.35
1.35
0.85
2.54
2.54
0.45
3.3
1.2±0.05
5.2±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
Fast-Recovery Rectifier Diodes 600V
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Package
Part Number
VRM
(V)
IF (AV)
(A)
( ) is with
Heatsink
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(
µA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
IF/IFP
(mA)
Axial
Frame-2Pin
Center-tap
600
0.25
0.25
0.25
0.5
0.6
0.6
0.6
0.6
0.7
0.7
0.7
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
2.0
3.0
1.5 (3.0)
2.0 (3.5)
5.0
10
5.0
5.0
10
20
EU01A
EU 1A
RU 1A
AU01A
AS01A
EH 1A
RF 1A
RH 1A
ES 1A
ES01A
RS 1A
AU02A
EU02A
EU 2A
RU 2
RU 2AM
RU 20A
RU 3A
RU 3AM
RU 30A
RU 31A
RU 4A
RU 4AM
FMUP-1056
FMUP-1106
FMU-16S, R
FMUP-2056
FMU-26S, R
FMU-36S, R
0.25
0.25
0.25
0.5
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.1
1.5
1.5
1.5
2.0
3.0
3.0
3.5
5.0
10
2.5
2.5
5.0
10
10
10
10
10
10
10
10
5
10
10
10
10
10
10
10
10
10
10
10
10
50
10
10
50
50
50
50
50
50
20
17
15
22
22
17
15
15
20
20
20
22
20
17
15
15
15
12
12
10
10
8
8
4.0
4.0
4.0
4.0
4.0
2.0
55
56
58
55
56
57
56
55
57
55
56
58
59
60
61
61
62
0.2
0.3
0.4
0.13
0.13
0.3
0.4
0.4
0.2
0.2
0.4
0.13
0.2
0.3
0.4
0.4
0.4
0.6
0.6
1.0
1.0
1.2
1.2
2.1
2.1
2.1
2.1
2.1
5.5
15
15
15
15
20
30
15
35
30
30
30
25
15
15
20
20
50
20
50
200
150
50
70
30
40
30
30
40
80
150
150
200
150
50
200
200
70
200
200
200
250
300
300
300
300
350
400
350
300
500
300
300
500
500
500
500
500
500
100
100
100
100
100
150
100
150
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.4
0.4
0.4
0.4
1.5
4
0.4
4
1.5
1.5
1.5
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.18
0.18
0.18
0.18
0.6
1.3
0.18
1.3
0.6
0.6
0.6
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
10/10
100/100
100/100
10/10
100/100
100/100
100/100
100/100
100/100
100/100
100/100
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
10/20
100/200
100/200
10/20
100/200
100/200
100/200
100/200
100/200
100/200
100/200
2.5
2.5
2.5
1.7
1.5
1.35
2.0
1.3
2.5
2.5
2.5
1.3
1.4
1.4
1.5
1.2
1.1
1.5
1.1
0.95
1.2
1.5
1.3
1.25
1.35
1.5
1.5
1.5
1.5
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
(Tj)
*
: Under development
*
trr
(
µs)
1
trr
(
µs)
2
Rth (j- )
Rth (j-c)
(
°C/W)
Fig.
No.


Similar Part No. - EU02A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EU02A SANKEN-EU02A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EU02A BILIN-EU02A Datasheet
53Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
EU02A LUGUANG-EU02A Datasheet
174Kb / 2P
High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
EU02A DSK-EU02A Datasheet
273Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Galaxy Semi-Conductor H...
EU02AZ BILIN-EU02AZ Datasheet
53Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results

Similar Description - EU02A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com