Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7828-R-24 Datasheet(PDF) 4 Page - Moxa Inc.

Part # PT-7828-R-24
Description  Gigabit modular managed rackmount Ethernet switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7828-R-24 Datasheet(HTML) 4 Page - Moxa Inc.

  PT-7828-R-24 Datasheet HTML 1Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 2Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 3Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 4Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 5Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 6Page - Moxa Inc. PT-7828-R-24 Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.moxa.com
4
Package Contents
Device
1 x PT-7828 Series switch
Cable
1 x DB9 female to RJ45 10-pin
Installation Kit
4 x cap, plastic, for RJ45 port
2 x rack-mounting ear
Documentation
1 x document and software CD
1 x quick installation guide
1 x warranty card
1 x product certificates of quality inspection, Simplified Chinese
1 x product notice, Simplified Chinese
Note
SFP modules and/or modules from the PM-7200 Module Series need to be purchased
separately for use with this product.
Dimensions
Ordering Information
Model Name
Max. No. of
Ports
Max. No. of
Gigabit Ports
Max. No. of
Fast Ethernet
Ports
Cabling
Redundant
Power Module
Input Voltage
1
Input Voltage
2
Operating
Temp.
PT-7828-F-24
28
Up to 4
Up to 24
Front
–
24 VDC
–
-45 to 85°C
PT-7828-R-24
28
Up to 4
Up to 24
Rear
–
24 VDC
–
-45 to 85°C
PT-7828-F-24-24
28
Up to 4
Up to 24
Front
✓
24 VDC
24 VDC
-45 to 85°C
PT-7828-R-24-24
28
Up to 4
Up to 24
Rear
✓
24 VDC
24 VDC
-45 to 85°C
PT-7828-F-24-HV
28
Up to 4
Up to 24
Front
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C
PT-7828-R-24-HV
28
Up to 4
Up to 24
Rear
✓
24 VDC
110/220 VDC/
VAC
-45 to 85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com