Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7828-R-24-24 Datasheet(PDF) 6 Page - Moxa Inc.

Part # PT-7828-R-24-24
Description  Gigabit modular managed rackmount Ethernet switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7828-R-24-24 Datasheet(HTML) 6 Page - Moxa Inc.

  PT-7828-R-24-24 Datasheet HTML 1Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 2Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 3Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 4Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 5Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 6Page - Moxa Inc. PT-7828-R-24-24 Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.moxa.com
6
PM-7200-4MSC-PTP
Fast Ethernet module for PT-7728-PTP series with 4 100BaseFX multi-mode ports with SC connectors,
hardware-based IEEE 1588 PTP V2 protocol support
PM-7200-4GTX-PHR-PTP
Gigabit Ethernet module with 4 1000Base T(X) ports, PRP/HSR protocol support
PM-7200-4GSFP-PHR-PTP
Gigabit Ethernet module with 4 100/1000Base SFP slots, PRP/HSR protocol support
Software
MXview-50
Industrial network management software with a license for 50 nodes (by IP address)
MXview-100
Industrial network management software with a license for 100 nodes (by IP address)
MXview-250
Industrial network management software with a license for 250 nodes (by IP address)
MXview-500
Industrial network management software with a license for 500 nodes (by IP address)
MXview-1000
Industrial network management software with a license for 1000 nodes (by IP address)
MXview-2000
Industrial network management software with a license for 2000 nodes (by IP address)
MXview Upgrade-50
License expansion of MXview industrial network management software by 50 nodes (by IP address)
Storage Kits
ABC-01
Configuration backup and restoration tool for managed Ethernet switches and AWK Series wireless
APs/bridges/clients, 0 to 60°C operating temperature
SFP Modules
SFP-1FELLC-T
SFP module with 1 100Base single-mode with LC connector for 80 km transmission, -40 to 85°C
operating temperature
SFP-1FEMLC-T
SFP module with 1 100Base multi-mode with LC connector for 4 km transmission, -40 to 85°C
operating temperature
SFP-1FESLC-T
SFP module with 1 100Base single-mode with LC connector for 40 km transmission, -40 to 85°C
operating temperature
SFP-1G10ALC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1310 nm, RX 1550 nm, 0 to 60°C operating temperature
SFP-1G10ALC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1310 nm, RX 1550 nm, -40 to 85°C operating temperature
SFP-1G10BLC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1550 nm, RX 1310 nm, 0 to 60°C operating temperature
SFP-1G10BLC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 10 km transmission; TX
1550 nm, RX 1310 nm, -40 to 85°C operating temperature
SFP-1G20ALC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1310 nm, RX 1550 nm, 0 to 60°C operating temperature
SFP-1G20ALC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1310 nm, RX 1550 nm, -40 to 85°C operating temperature
SFP-1G20BLC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1550 nm, RX 1310 nm, 0 to 60°C operating temperature
SFP-1G20BLC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 20 km transmission; TX
1550 nm, RX 1310 nm, -40 to 85°C operating temperature
SFP-1G40ALC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 40 km transmission; TX
1310 nm, RX 1550 nm, 0 to 60°C operating temperature
SFP-1G40ALC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 40 km transmission; TX
1310 nm, RX 1550 nm, -40 to 85°C operating temperature
SFP-1G40BLC
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 40 km transmission; TX
1550 nm, RX 1310 nm, 0 to 60°C operating temperature
SFP-1G40BLC-T
WDM-type (BiDi) SFP module with 1 1000BaseSFP port with LC connector for 40 km transmission; TX
1550 nm, RX 1310 nm, -40 to 85°C operating temperature
SFP-1GEZXLC
SFP module with 1 1000BaseEZX port with LC connector for 110 km transmission, 0 to 60°C operating
temperature
SFP-1GEZXLC-120
SFP module with 1 1000BaseEZX port with LC connector for 120 km transmission, 0 to 60°C operating
temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com