Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT-7728-PTP-R-24 Datasheet(PDF) 2 Page - Moxa Inc.

Part # PT-7728-PTP-R-24
Description  Gigabit modular managed rackmount Ethernet switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

PT-7728-PTP-R-24 Datasheet(HTML) 2 Page - Moxa Inc.

  PT-7728-PTP-R-24 Datasheet HTML 1Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 2Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 3Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 4Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 5Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 6Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 7Page - Moxa Inc. PT-7728-PTP-R-24 Datasheet HTML 8Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.moxa.com
2
Specifications
Ethernet Interface
Cabling Direction
PT-7728-F Series: Front cabling
PT-7728-R Series: Rear cabling
Compatible Modules
Slot 1/2/3:
PM-7200-8TX
PM-7200-2MSC4TX
PM-7200-2MST4TX
PM-7200-2SSC4TX
PM-7200-4MSC2TX
PM-7200-4MST2TX
PM-7200-4SSC2TX
PM-7200-6MSC
PM-7200-6MST
PM-7200-6SSC
PM-7200-8SFP
PM-7200-4M12
PM-7200-8MTRJ
PM-7200-4TX-PTP (PT-7728-PTP only)
PM-7200-4MST-PTP (PT-7728-PTP only)
PM-7200-4MSC-PTP (PT-7728-PTP only)
Slot 4:
PM-7200-4GTXSFP
PM-7200-2GTXSFP
PM-7200-4GSFP-PHR-PTP (PT-7728-PTP only)
PM-7200-4GTX-PHR-PTP (PT-7728-PTP only)
PM-7200-1BNC2MST-PTP (PT-7728-PTP only)
Standards
IEEE 802.1D-2004 for Spanning Tree Protocol
IEEE 802.1p for Class of Service
IEEE 802.1Q for VLAN Tagging
IEEE 802.1s for Multiple Spanning Tree Protocol
IEEE 802.1w for Rapid Spanning Tree Protocol
IEEE 802.1X for authentication
IEEE 802.3 for 10BaseT
IEEE 802.3ab for 1000BaseT(X)
IEEE 802.3ad for Port Trunk with LACP
IEEE 802.3u for 100BaseT(X) and 100BaseFX
IEEE 802.3x for flow control
IEEE 802.3z for 1000BaseSX/LX/LHX/ZX
Ethernet Software Features
Filter
802.1Q, GMRP, GVRP, IGMP v1/v2c, QinQ VLAN, VLAN unaware
Industrial Protocols
EtherNet/IP, Modbus TCP
Management
Back Pressure Flow Control, BOOTP, DHCP Option 66/67/82, DHCP Server/Client, Flow
control, HTTP, IPv4/IPv6, LLDP, Port Mirror, RARP, RMON, SMTP, SNMP Inform,
SNMPv1/v2c/v3, Syslog, Telnet, TFTP, Fiber check
MIB
Bridge MIB, Ethernet-like MIB, MIB-II, P-BRIDGE MIB, Q-BRIDGE MIB, RMON MIB
Groups 1, 2, 3, 9, RSTP MIB
Power Substation
IEC 61850 QoS, MMS
Redundancy Protocols
All models: Link Aggregation, MSTP, RSTP, STP, Turbo Chain, Turbo Ring v1/v2
PTP models: HSR, PRP
Security
Broadcast storm protection, HTTPS/SSL, TACACS+, Port Lock, RADIUS, Rate Limit,
SSH
Time Management
All models (except PTP models): NTP Server/Client, SNTP
PTP models: NTP Server/Client, SNTP, IEEE 1588 PTP v1/v2 (hardware-based)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com