Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1112ASTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1112ASTR
Description  Triple Low Dropout Regulator Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112ASTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1112ASTR Datasheet HTML 9Page - Semtech Corporation SC1112ASTR Datasheet HTML 10Page - Semtech Corporation SC1112ASTR Datasheet HTML 11Page - Semtech Corporation SC1112ASTR Datasheet HTML 12Page - Semtech Corporation SC1112ASTR Datasheet HTML 13Page - Semtech Corporation SC1112ASTR Datasheet HTML 14Page - Semtech Corporation SC1112ASTR Datasheet HTML 15Page - Semtech Corporation SC1112ASTR Datasheet HTML 16Page - Semtech Corporation SC1112ASTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
100.0E-3
110.0E-3
120.0E-3
130.0E-3
140.0E-3
150.0E-3
160.0E-3
170.0E-3
180.0E-3
0
10
2030
40506070
Ta (°C.)
VTT 1.25V
AGP 1.25V
000.0E+0
20.0E-3
40.0E-3
60.0E-3
80.0E-3
100.0E-3
120.0E-3
140.0E-3
160.0E-3
0
10203040
50
6070
Ta (°C.)
VTT 1.25V
AGP 1.25V
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
0
1020
30
40
506070
Ta (°C.)
VTTSEL
AGPSEL
5.50
5.70
5.90
6.10
6.30
6.50
6.70
6.90
7.10
7.30
7.50
0
1020
30
40
506070
Ta (°C.)
5V Stby = 5.25V
5V Stby = 5.00V
5V Stby = 4.75V
9.21
9.22
9.23
9.24
9.25
9.26
9.27
9.28
9.29
9.30
9.31
9.32
0
1020
3040
5060
70
Ta (°C.)
V Charge Pump
345
350
355
360
365
370
375
0
10203040
5060
70
Ta (°C.)
Charge Pump Frequency
Typical Characteristics (Cont.)
I 5V Stby vs Ta
Line Regulation VTTIN = 3.13V to 3.47V Io = 2A vs Ta
Charge Pump Output Voltage vs Ta
Charge Pump .requency vs Ta
Load Regulation VTTIN = 3.3V Io = 0 to 2A vs Ta
Output Select Threshold vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com