Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1602-E Datasheet(PDF) 1 Page - Powertip Technology

Part # PC1602-E
Description  PC1602-E
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC1602-E Datasheet(HTML) 1 Page - Powertip Technology

  PC1602-E Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
66.7 x 23.3
61.0 x 15.9
0.55 x 0.65
0.60 x 0.70
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
5
4.4
3.9
Vdd=5V
3.7
4.8
4.8
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
5
4.5
4.3
5.6
5.4
5.2
V
V
V
V
V
mA
mA
mA
3
N W
5.3
4.7
4.2
4
4.9
5.1
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vdd
Vo
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Vss
Power supply(Vdd>Vss)
Operating Voltage For LCD
Register selection input
Data signal input for select
Data read / write
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Power Supply (Vss=0)
/ 4.2
/ 4.6
2
Power supply voltage
Vdd-Vss
25oC
2.7
5.5
V
PC 1602-E
PC 1602-E
LCD PANEL
CONTROL SIGNALS 4
SEG 40
COM 16
LCD
CONTROLLER
LSI
DB7
DB0
E
R/W
RS
Vss
Vdd
Vo
3.55
2.95
0.55
0.05
SEGMENT DRIVER
SEG 40
5.0 0.5
87.0 1.5
10.0 1.0
66.7 0.5
A
A
PCB:62.7 0.2
EL B/L
A2
1.45
14.0
1.5
63.8
SEC A1-A2
1.1
1.1
0.2 0.05
0.3 0.15
0.5
H1
1.0
A1
5.25
2.85
56.2
61.0
66.7 0.5


Similar Part No. - PC1602-E

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1602-G POWERTIP-PC1602-G Datasheet
71Kb / 1P
POWERTIP DISPL DEVICES FOR BET
PC1602-H POWERTIP-PC1602-H Datasheet
178Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-J POWERTIP-PC1602-J Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-K-Y4 POWERTIP-PC1602-K-Y4 Datasheet
66Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-L POWERTIP-PC1602-L Datasheet
54Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC1602-E

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
logo
Fair-Rite Products Corp...
9478116002 FAIR-RITE-9478116002 Datasheet
516Kb / 1P
E Cores
9495103002 FAIR-RITE-9495103002 Datasheet
512Kb / 1P
E Cores
9498103002 FAIR-RITE-9498103002 Datasheet
512Kb / 1P
E Cores
9498110002 FAIR-RITE-9498110002 Datasheet
512Kb / 1P
E Cores
9498111002 FAIR-RITE-9498111002 Datasheet
512Kb / 1P
E Cores
9478102002 FAIR-RITE-9478102002 Datasheet
512Kb / 1P
E Cores
9478112002 FAIR-RITE-9478112002 Datasheet
512Kb / 1P
E Cores
logo
Advantech Co., Ltd.
ENV-49A-AP01 ADVANTECH-ENV-49A-AP01 Datasheet
505Kb / 2P
E&E/Patrol Inspection
12-Mar-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com