Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1028 Datasheet(PDF) 21 Page - Analog Devices

Part # LT1028
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1028 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT1028 Datasheet HTML 17Page - Analog Devices LT1028 Datasheet HTML 18Page - Analog Devices LT1028 Datasheet HTML 19Page - Analog Devices LT1028 Datasheet HTML 20Page - Analog Devices LT1028 Datasheet HTML 21Page - Analog Devices LT1028 Datasheet HTML 22Page - Analog Devices LT1028 Datasheet HTML 23Page - Analog Devices LT1028 Datasheet HTML 24Page - Analog Devices LT1028 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC6226/LTC6227
21
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 8. High Speed High CMRR Instrumentation Amplifier
–
+
700
700
350
350
700
700
350
350
700
2
700
350
350
700
2
1
700
350
350
700
700
1
U5A 1/2LT5401
U3A 1/2LT5401
U4A 1/2LT5401
IF DIFFERENTIAL
OUTPUTS REQUIRED
CAN BE REPLACED BY SURFACE MOUNTED
RESISTORS IF VERY LOW GAIN DRIFT WITH
TEMPERATURE NOT REQUIRED
U4B 1/2LT5401
U3B 1/2LT5401
U5B 1/2LT5401
U6B 1/2LT5401
350
350
700
700
U6A 1/2LT5401
C2
5.6pF
C1
5.6pF
C7
3.3pF
3.3pF
U2B
–IN
VS–
350
350
1/2 LTC6227
–
+
U1A
IN+
VS+
1/2 LTC6227
–
+
U2A
U2B
10
11
5
6
VS+
VS–
OUT–
OUT+
1/2 LTC6227
–
+
1/2 LTC6227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com