Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4367
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC7000/LTC7000-1
13
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
Input Stage
The LTC7000/LTC7000-1 employs CMOS compatible
input thresholds that allow a low voltage digital signal
connected to INP to drive standard power MOSFETs.
The LTC7000/LTC7000-1 contains an internal voltage
regulator which biases the input buffer connected to INP
allowing the input thresholds (VIH = 2.0V, VIL = 1.6V) to be
independent of variations in VCC. The 400mV hysteresis
between VIH and VIL eliminates false triggering due to
noise events. However, care should be taken to keep INP
from any noise pickup, especially in high frequency, high
voltage applications.
INP also contains an internal 1MΩ pull-down resistor
to ground, keeping TGDN pulled to TS during startup
and other unknown transient events. During shutdown
(VRUN<0.7V) the internal 1MΩ pull-down resistor is dis-
abled and INP becomes high impedance.
INP has an Absolute Maximum of –6V to +15V which
allows the signal driving INP to have voltage excursions
outside the normal power supply and ground range. It is
not uncommon for signals routed with long PCB traces
and driven with fast rise/fall times to inductively ring to
voltages higher than power supply or lower than ground.
Output Stage
A simplified version of the LTC7000/LTC7000-1 output
stage is shown in Figure 1. The pull-down device is an
N-channel MOSFET with a typical 1Ω RDS(ON) and the
pull-up device is a P-channel MOSFET with a typical
2.2Ω RDS(ON). The pull-up and pull-down pins have been
BST
TGUP
TGDN
TS
VCC
INP
12V
7000 F01
+
–
+
–
2.2
1
HIGH
SPEED
150V
LEVEL
SHIFTER
CHARGE
PUMP
30µA
LTC7000/LTC7000-1
AV =1
Figure 1. Simplified Output Stage
separated to allow the turn-on transient to be controlled
while maintaining a fast turn-off.
The LTC7000/LTC7000-1 powerful output stage (1Ω pull-
down and 2.2Ω pull-up) minimizes transition losses when
driving external MOSFETs and keeps the MOSFET in the
state commanded by INP even if high voltage and high
frequency transients couple from the power MOSFET back
to the driving circuitry.
The large gate drive voltage on TGUP and TGDN reduces
conduction losses in the external MOSFET because
RDS(ON) is inversely proportional to its gate overdrive
(VGS – VTH).
SNS+ and SNS– Pins
SNS+ and SNS– are the inputs to the high side current
comparator and current monitor. The common mode
operational voltage range for these pins is 3.5V to 150V
independent of any other voltages. SNS+ also provides
power to the current comparator and current monitor
and draws approximately 21µA when not shut down and
INP is high. SNS– draws a bias current of approximately
4µA when not shut down and INP is high. When SNS+
is less than 3.2V typical (3.5V minimum), a fault condi-
tion occurs and the adjustable fault timer is enabled with
the same behavior as an overcurrent fault. Normally the
SNS pins are connected to the drain side of the external
MOSFET. However, the SNS pins can be connected to the
source side of the external MOSFET as long as the source
voltage rises above 3.5V before the Fault Timer expires.
See Fault Timer and Fault Flag section.
A filter resistor, RFLT should be placed in series with the
SNS– pin as shown in Figure 2. Note that the SNS– pin
takes 4µA of bias current which will affect the current
SNS+
SNS–
TGUP
TGDN
TS
7000 F03
LTC7000/
LTC7000-1
INP = LO, 0µA
INP = HI, 4µA
RFLT
CFLT
RSNS
M1
POWER
LOAD
Figure 2. Sense Pins Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com