Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6907
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices LTC6907 Datasheet HTML 11Page - Analog Devices LTC6907 Datasheet HTML 12Page - Analog Devices LTC6907 Datasheet HTML 13Page - Analog Devices LTC6907 Datasheet HTML 14Page - Analog Devices LTC6907 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
11
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Linearity Near 31% Duty Cycle
NDIV = 1 Duty Cycle Drift vs Supply
NDIV > 1 Duty Cycle Drift
vs Supply
Supply Current vs VMOD
VMOD/VSET (V/V)
26
31
35
34
33
32
36
0.324
0.34
0.356
0.372
0.308
0.388
30
29
28
27
6992 G40
DIVCODE = 4
3 PARTS
SUPPLY (V)
–0.5
0
0.4
0.3
0.2
0.1
0.5
3
4
5
2
6
–0.1
–0.2
–0.3
–0.4
6992 G41
DIVCODE = 0
VMOD/VSET = 0.5
VMOD/VSET = 0.2
VMOD/VSET = 0.8
5% CLAMP
95% CLAMP
REFERENCED TO V+ = 4V
SUPPLY (V)
–0.5
0
0.4
0.3
0.2
0.1
0.5
3
4
5
2
6
–0.1
–0.2
–0.3
–0.4
6992 G42
DIVCODE = 4
REFERENCED TO V+ = 4V
VMOD/VSET = 0.5
VMOD/VSET = 0.2
VMOD/VSET = 0.8
5% CLAMP
95% CLAMP
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
VMOD (V)
0
250
350
300
400
0.4
0.2
0.6
0.8
0
1
200
150
100
50
6992 G43
LTC6992-2
RSET = 50k, ÷1
RSET = 50k, ÷16
RSET = 100k, ÷4
RSET = 800k, ÷1
Supply Current vs Frequency, 5V
Supply Current vs Frequency, 2.5V
Supply Current vs Supply Voltage
Supply Current vs Temperature
Jitter vs Frequency
SUPPLY VOLTAGE (V)
0
250
350
300
400
3
4
5
2
6
200
150
100
50
6992 G44
RSET = 50k, ÷1
RSET = 50k, ÷4
RSET = 50k, ÷16
RSET = 100k, ÷1
RSET = 800k, ÷1
TEMPERATURE (°C)
–50
0
250
300
350
400
0
25
50
100 125
200
150
100
50
–25
75
6992 G45
5.0V, RSET = 50k, ÷1
2.5V, RSET = 50k, ÷1
5.0V, RSET = 50k, ÷16
5.0V, RSET = 800k, ÷1
2.5V, RSET = 800k, ÷1
FREQUENCY (kHz)
0.01
0
1.4
1.6
1.8
2.0
0.1
1
100
1000
1.2
1.0
0.8
0.6
0.4
0.2
10
6992 G46
÷1, V+ = 5V
÷1, V+ = 2.5V
÷4, V+ = 5V
÷4, V+ = 2.5V
÷16
÷64
PEAK-TO-PEAK PERIOD
DEVIATION MEASURED
OVER 30s INTERVALS
VMOD/VSET = 0.5
FREQUENCY (kHz)
0.001
0
250
300
350
400
0.1
0.01
1
100
1000
200
150
100
50
10
6992 G47
÷4
÷1
÷16,384
V+ = 5V
FREQUENCY (kHz)
0.001
0
250
300
350
400
0.1
0.01
1
100
1000
200
150
100
50
10
6992 G48
÷4
÷1
÷16,384
V+ = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com