Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-751X Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-751X
Description  AC Feedthrough Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-751X Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-751X Datasheet HTML 1Page - Schaffner International Ltd FN-751X Datasheet HTML 2Page - Schaffner International Ltd FN-751X Datasheet HTML 3Page - Schaffner International Ltd FN-751X Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 11 Oct 2018
Feedthrough selector table
Feedthrough
Rated current
Leakage current*
Capacitance**
DC resistance***
Weight
@ 60°C
@ 250 VAC/50 Hz
C
R @ 25°C
[A]
[mA]
[nF]
[mΩ]
[g]
FN 7510-10-M3
10
0.21
2.2
0.8
15
FN 7511-10-M3
10
0.44
4.7
0.8
15
FN 7510-16-M4
16
0.44
4.7
0.5
28
FN 7511-16-M4
16
0.94
10
0.52
28
FN 7512-16-M4
16
4.4
47
0.62
33
FN 7513-16-M4
16
9.4
100
0.58
65
FN 7510-32-M4
32
0.44
4.7
0.52
28
FN 7511-32-M4
32
0.94
10
0.52
28
FN 7512-32-M4
32
3.1
33
0.62
34
FN 7514-32-M4
32
9.4
100
0.58
65
FN 7512-63-M6
63
9.4
100
0.3
70
FN 7510-100-M8
100
4.4
47
0.23
100
FN 7511-100-M8
100
9.4
100
0.23
100
FN 7511-200-M10
200
20.7
220
0.16
157
* Tolerance +20%
** Tolerance ±20%
*** Tolerance +15%
Typical filter attenuation
50 Ω system
10 A types
16 and 20 A types
32 A types
63 A types
100 A types
200 A types



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com