Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-60-L-LS-RMB Datasheet(PDF) 1 Page - Festo Corporation.

Part # EMMT-AS-60-L-LS-RMB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-60-L-LS-RMB Datasheet(HTML) 1 Page - Festo Corporation.

  EMMT-AS-60-L-LS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-60-L-LS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-60-L-LS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Servo motor
EMMT-AS-60-L-LS-RMB
Part number: 5242215
Data sheet
Feature
Value
Electrical connection 1, connection technology
M23x1
Electrical connection 1, connection type
Hybrid plug
Electrical connection for input 1, connection pattern
00995913
Concentricity, coaxiality, axial runout according to DIN SPEC 42955
N
Detent torque
< 1.0% of peak torque
Mounting position
Any
Rotor position sensor for manufacturer designation
EQI 1131
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Information on max. installation height
with 1,000 m and longer only with derating of -1.0% per 100 m
Contamination level
2
Note on degree of protection
IP40 for motor shaft without rotary shaft seal
IP65 for motor shaft with rotary shaft seal
IP67 for motor housing, incl. connection technology
Note on ambient temperature
Up to 80 °C with derating of -1.5% per degree Celsius
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Measuring flange
250 x 250 x 15 mm, steel
Balancing quality
G 2.5
Motor type as per EN 60034-7
IM B5
IM V1
IM V3
Certificate issuing authority
UL E342973
Electrical connection 1, number of pins/wires
15
Max. winding temperature
155 °C
Brake airflow
0.33 A
Max. brake no-load speed
10000 1/min
Max. installation height
4000 m
Rotor position encoder for DC operating voltage
5 V
Brake coil inductivity
700 mH
Brake current consumption
0.46 A
Brake coil resistance
52.4 Ohm
Max. mechanical speed
16000 1/min
Brake stopping current
0.33 A
Number of pole pairs
5
Storage lifetime, under nominal conditions
20000 h
12/20/20 - Subject to change - Festo AG & Co. KG
1/3


Similar Part No. - EMMT-AS-60-L-LS-RMB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMT-AS-60-L-LS-RMB FESTO-EMMT-AS-60-L-LS-RMB Datasheet
78Kb / 3P
Servo motor
More results

Similar Description - EMMT-AS-60-L-LS-RMB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
EMME-AS-100-MK-HS-AMX FESTO-EMME-AS-100-MK-HS-AMX Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AM FESTO-EMME-AS-100-S-HS-AM Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AMX FESTO-EMME-AS-100-S-HS-AMX Datasheet
82Kb / 2P
Servo motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com