Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMMT-AS-60-M-LS-RMB Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-AS-60-M-LS-RMB
Description  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-60-M-LS-RMB Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-AS-60-M-LS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-60-M-LS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-60-M-LS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Brake closing time
10 ms
Max. brake friction work
5600 J
Brake separation time
≤35 ms
Electric time constant
2.7 ms
DC brake response delay
≤2 ms
Cross inductivity Lq (phase)
8.2 mH
Winding longitudinal inductivity Ld (phase)
7 mH
Rotor position encoder for DC operating voltage range
3.6 V ... 14 V
Standstill torque constant
0.53 Nm/A
Rotor position encoder for absolutely detectable revolutions
4096
Rotor position encoder system accuracy angle measurement
-120 arcsec ... 120 arcsec
Thermal resistance
1.3 K/W
Rotor position encoder for positional values per revolution
524288
Thermal time constant
42 min
Type code
EMMT-AS
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor interface
EnDat® 22
Rotor position sensor measuring principle
Inductive
Temperature monitoring
Digital motor temperature transmission via EnDat® 2.2
Max. rotational speed
6800 1/min
Nominal rotary speed
3000 1/min
Brake DC operating voltage
24 V
Continuous stall current
2.5 A
Brake power consumption
11 W
Motor constants
0.45 Nm/A
Nominal operating voltage DC
325 V
Motor nominal power
310 W
Motor nominal current
2.2 A
Rotor position sensor resolution
19 bit
Phase-phase winding resistance
4.85 Ohm
Winding inductance phase-phase
11 mH
Type of winding switch
Star inside
Peak current
11 A
Voltage constant, phase-to-phase
32 mVmin
Rating class according to EN 60034-1
S1
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
Corrosion resistance class (CRC)
0 - No corrosion stress
Storage temperature
-20 °C ... 70 °C
Relative air humidity
0 - 90 %
Degree of protection
IP40
Ambient temperature
-15 °C ... 40 °C
Thermal class according to EN 60034-1
F
Certification
RCM compliance mark
c UL us - Recognized (OL)
Total output inertia moment
0.373 kgcm²
Brake holding torque
2.5 Nm
Brake mass moment of inertia
0.074 kgcm²
Nominal torque
1 Nm
Peak torque
3.4 Nm
Stall torque
1.15 Nm
Permissible axial shaft load
70 N
Permissible radial shaft load
350 N
12/20/20 - Subject to change - Festo AG & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com