Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2210HV-250-99-R9 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN2210HV-250-99-R9
Description  Compact high current DC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2210HV-250-99-R9 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN2210HV-250-99-R9 Datasheet HTML 1Page - Schaffner International Ltd FN2210HV-250-99-R9 Datasheet HTML 2Page - Schaffner International Ltd FN2210HV-250-99-R9 Datasheet HTML 3Page - Schaffner International Ltd FN2210HV-250-99-R9 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
26 Jun 2020
Filter selection table
Filters *
Rated current
Power losss
Weight
@ 50°C
@ 25°C/DC
[A]
[W]
[kg]
FN 2211 HV with Cy caps
FN 2211HV-250-99-C27-R99
250
9
3.3
FN 2211 HV-400-99-C27-R99
400
14
4.2
FN 2211 HV-600-99-C27-R99
600
15
4.8
FN 2211 HV-1000-99-C27-R99
1000
31
7.1
FN 2211 HV-1500-99-C27-R99
1500
41
12.4
FN 2211 HV-2300-99-C27-R99
2300
64
18.3
FN 2210 HVwithout Cy caps
FN 2210 HV-250-99-R9
250
9
2.
FN 2210 HV-400-99-R9
400
14
3.3
FN 2210 HV-600-99-R9
600
15
4.0
FN 2210 HV-1000-99-R9
1000
31
6.4
FN 2210 HV-1500-99-R9
1500
41
11.2
FN 2210 HV-2300-99-R9
2300
64
17.6
* Filters with reduced Cy capacitance to ground for high asymmetrical currents and higher voltages available upon request.
Typical filter attenuation FN 221x HV-xxx-99-C27-R99
Per CISPR 17
50 / 50 Ω asym
50 / 50 Ω sym



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com