Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2210-250-99-R5 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2210-250-99-R5
Description  Compact high current DC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2210-250-99-R5 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2210-250-99-R5 Datasheet HTML 1Page - Schaffner International Ltd FN2210-250-99-R5 Datasheet HTML 2Page - Schaffner International Ltd FN2210-250-99-R5 Datasheet HTML 3Page - Schaffner International Ltd FN2210-250-99-R5 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
DC Filters FN 2211 and FN 2210
Compact high current DC EMC/EMI filter
Reduces conducted emissions towards the
solar panel
Reduces the probability of EMI radiation off the
solar panel
Helps to prevent premature panel aging
Helps to meet international EMC regulations
Most compact standard solution in the
industry
FN 2210 without Cy capacitors to ground
Performance indicators
Technical specifications
Maximum continuous operating voltage
1000 VDC
Rated currents
250 to 2300 A @ 50°C
High potential test voltage
P -> E 4800 VDC for 2 sec
P -> P 3600 VDC for 2 sec
Protection category
IP 00
Overload capability
4x rated current at switch on, max. 8 sec
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-40°C to +100°C
Climatic category
40/100/21 acc. to IEC 60068-1
Terminals/Housing
Ni plated cu bars/Metal
Flammability corresponding to
UL 94V-0
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939, EN
60721-3, EN 62109
MTBF @ Rated amb. Temp./Voltage (Mil-
HB-217F)
> 200,000 hours
Approvals & Compliances
The FN 2211/FN 2210 series are the most compact
dedicated high current DC filters for PV inverters in
the industry and therefore are an optimum fit with
most modern PV inverter generation. In addition the
filters can be configured in a very flexible way to fulfil
customized application requirements.
All FN 2211/FN 2210 come in unsymmetrical
housings, which help to prevent inverse installation
and wrong electrical connection. Along with grid-
side installed Schaffner AC EMC/EMI filters FN 3311/
FN 3310, the DC filters FN 2211/FN 2210 are key to
meet the stringent international standards for
electromagnetic compatibility and help to ensure a
reliable and fault-free operation of the entire PV
system.
Features and benefits
Installed between the PV inverter and the solar panel,
the FN 2211 and FN 2210 DC filters are used to
influence positively the conducted emissions on the
panel side of the system. Therefore the DC filters
significantly reduce the potential for highfrequency
(HF) interference radiation of the panel. The filter also
helps to prevent premature panel aging because of
HF stray and leakage currents.
Typical applications
The FN 2211/FN 2210 series are primarily designed for
PV inverter applications between 250 and 2'300 A.
However, they can potentially also be applied in
other DC applications within published specifications,
like UPS, DC motor drives, energy/battery storage
systems, or DC charger installations.
Typical electrical schematic FN 2211
Typical electrical schematic FN 2210


Similar Part No. - FN2210-250-99-R5

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2210HV-1000-99-R9 SCHAFFNER-FN2210HV-1000-99-R9 Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN2210HV-1500-99-R9 SCHAFFNER-FN2210HV-1500-99-R9 Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN2210HV-2300-99-R9 SCHAFFNER-FN2210HV-2300-99-R9 Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN2210HV-250-99-R9 SCHAFFNER-FN2210HV-250-99-R9 Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN2210HV-400-99-R9 SCHAFFNER-FN2210HV-400-99-R9 Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
More results

Similar Description - FN2210-250-99-R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9233SR-3-06 ETC2-FN9233SR-3-06 Datasheet
348Kb / 6P
High Performance EMC/EMI Filter
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-355 SCHAFFNER-FN-355 Datasheet
1Mb / 4P
Ultra-compact Low Leakage current EMC/EMI Filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN-3311 SCHAFFNER-FN-3311 Datasheet
3Mb / 4P
Compact power line AC EMC/EMI filter
FN-9233 SCHAFFNER-FN-9233 Datasheet
964Kb / 7P
High Performance EMC/EMI Filter
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
HP4 DIT-HP4 Datasheet
954Kb / 2P
EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com