Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN2210-1000-99-R5 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN2210-1000-99-R5
Description  Compact high current DC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2210-1000-99-R5 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN2210-1000-99-R5 Datasheet HTML 1Page - Schaffner International Ltd FN2210-1000-99-R5 Datasheet HTML 2Page - Schaffner International Ltd FN2210-1000-99-R5 Datasheet HTML 3Page - Schaffner International Ltd FN2210-1000-99-R5 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
26 Jun 2020
Filter selection table
Filters *
Rated current
Power losss
Weight
@ 50°C
@ 25°C/DC
[A]
[W]
[kg]
FN 2211 with Cy caps
FN 2211-250-99-C30-R55
250
15
3.0
FN 2211-400-99-C30-R55
400
24
4.0
FN 2211-600-99-C30-R55
600
25
4.6
FN 2211-1000-99-C30-R55
1000
55
6.8
FN 2211-1500-99-C30-R55
1500
84
11.5
FN 2211-2300-99-C30-R55
2300
116
17.5
FN 2210 without Cy caps
FN 2210-250-99-R5
250
15
2.4
FN 2210-400-99-R5
400
24
3.1
FN 2210-600-99-R5
600
25
3.8
FN 2210-1000-99-R5
1000
55
6.2
FN 2210-1500-99-R5
1500
84
11.3
FN 2210-2300-99-R5
2300
116
17.5
* Filters with reduced Cy capacitance to ground for high asymmetrical currents and higher voltages available upon request.
Typical filter attenuation FN 2211-xxx-99-C30-R55
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym
250/400/600 A types
1000 A types
1'500/2'300 A types
Typical block schematic
1
PV modules
2
Schaffner DC filter FN 22xx
3
Central Inverter
4
Schaffner magnetic components
5
Schaffner AC EMC/EMI filter FN 3xxx
Important note: depending on the grounding scheme of the solar power system, including the solar panel and the grid side transformer, the appropriate DC- and AC
EMC/EMI filter version need to be selected. For support, please contact your local Schaffner sales office or partner.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com