Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3256H-16-29-R69 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN3256H-16-29-R69
Description  Compact Line Filter for Industrial Machinery/Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3256H-16-29-R69 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN3256H-16-29-R69 Datasheet HTML 1Page - Schaffner International Ltd FN3256H-16-29-R69 Datasheet HTML 2Page - Schaffner International Ltd FN3256H-16-29-R69 Datasheet HTML 3Page - Schaffner International Ltd FN3256H-16-29-R69 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
3-Phase + Neutral Line Filters FN 3256
Compact Line Filter for Industrial Machinery/Equipment
Compact, space-saving design, optimized for
industrial machinery
Combines high attenuation performance with
low leakage current
Performance according to the machine tool
standard EN 50370-1
Increases also the immunity if operated directly
on the mains input
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 520/300 VAC (480 VAC +10% possible)
Operating frequency
DC to 60 Hz
Rated currents
8 to 160 A @ 50°C
High potential test voltage
P/N –> E 2750 VDC for 2 sec
P –> P 2250 VDC for 2 sec
P -> N 1300 VDC for 2 sec
Protection category
IP 20
Overload capability
4x rated current at switch on,
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 50°C/400 V (Mil-HB-217F)
>410,000 hours
Approvals & Compliances
Features and benefits
An extremely compact and light weight filter design
with a „cubic“ shape, requiring minimum mounting
space and thus taking the constructional conditions
on the mains input of machinery into account
Simple and time-saving installation with good
accessibility for automatic and hand tools
Solid, touch-safe terminal blocks offering sufficient
contacting cross section according to the EN
60204-1 installation standard, which is very
common in industrial applications
As a mains input filter for three phases and neutral
line, FN 3256 ensures the compliance with the new
product family standard for machine tools in mainly
industrial environments EN 50370-1. Further, its use
will also increase the conducted immunity of the
entire installation significantly
FN 3256 provides the attenuation performance to
meet the requirements of various machine tools
with up to 8 driving axes with ~10 m of motor cable
each
For easy selection and application, the filter current
ratings are aligned with common fuse values
Typical applications
Mainly industrial equipment, machinery, machine
tools and diverse process auto- mation systems with
three-phase and neutral electricity supply. Further,
these filters are suitable for power supplies, high-
power office equipment and further applications,
where efficient interference suppression on three
phases and the neutral line is required and where
space is critical. Because of the very low leakage
current, FN 3256 can even be used for some medical
devices.
Typical electrical schematic


Similar Part No. - FN3256H-16-29-R69

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3258-100-35 ETC2-FN3258-100-35 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
206Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications 3-Phase Filters FN 3258
FN3258-130-35 ETC2-FN3258-130-35 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
FN3258-16-44 ETC2-FN3258-16-44 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
FN3258-180-40 ETC2-FN3258-180-40 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
More results

Similar Description - FN3256H-16-29-R69

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EH1 MACOM-3EH1 Datasheet
271Kb / 3P
Power Inlet Line Filter for Medical Equipment
3ERK1 MACOM-3ERK1 Datasheet
205Kb / 3P
High Performance Compact Power Line Filter
logo
Panasonic Battery Group
APT1211 PANASONICBATTERY-APT1211 Datasheet
148Kb / 7P
Phototriac Coupler for the Industrial Machinery, Consumer Electronics, and SSR Markets
logo
jb Capacitors Company
JSS JBCAPACITORS-JSS Datasheet
117Kb / 2P
For industrial equipment control etc
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
Waterproof In-line Connector for Industrial Machinery
logo
Visual Communications C...
PCL22 VCC-PCL22 Datasheet
443Kb / 4P
Industrial Machinery
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
logo
Schaffner International...
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
EMC/EMI line filter for lighting equipment
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3280 SCHAFFNER-FN-3280 Datasheet
566Kb / 4P
High-end Line Filter for Machinery/Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com