Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-3413 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-3413
Description  Ecosine 60 Hz Passive Harmonic Filters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3413 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-3413 Datasheet HTML 1Page - Schaffner International Ltd FN-3413 Datasheet HTML 2Page - Schaffner International Ltd FN-3413 Datasheet HTML 3Page - Schaffner International Ltd FN-3413 Datasheet HTML 4Page - Schaffner International Ltd FN-3413 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Ecosine passive
Schaffner Group
Datasheets
11 Oct 2018
Filter selection table FN 3413
Filter*
Rated load power
Power loss**
Input/Output
Capacitor
Weight
NEMA 1
@ 460 VAC/60 Hz
@ 460 V
Connections
disconnections
covers***
[HP]
[W]
[kg]
Order code
FN 3413-8-44
5
56
-44
-44
12
803565
FN 3413-11-44
7.5
84
-44
-44
13
803565
FN 3413-15-44
10
112
-44
-44
17
803566
FN 3413-21-44
15
168
-44
-44
21
803566
FN 3413-28-33
20
209
-33
-44
28
803567
FN 3413-35-33
25
261
-33
-44
32
803567
FN 3413-41-33
30
291
-33
-44
35
803567
FN 3413-53-34
40
328
-34
-33
48
803568
FN 3413-65-34
50
373
-34
-33
52
803568
FN 3413-80-35
60
403
-35
-34
69
803569
FN 3413-105-35
75
447
-35
-34
77
803569
FN 3413-130-35
100
522
-35
-34
87
803569
FN 3413-160-40
125
559
-40
-35
124
803570
FN 3413-190-40
150
671
-40
-35
132
803570
FN 3413-240-99
200
746
-99
-35
185
803570
FN 3413-310-99
250
932
-99
-35
202
803570
* Filter to be selected by system voltage and load (motor drive) power. Note: the harmonic filter will reduce the RMS input current. Example: the rated RMS input current of an
unfiltered 460 V/20 HP/28 A drive will be reduced to approximately 20 A. Therefore, filter selection by current rating, as it is common for EMC/EMI filters, is not suitable.
** Calculated power loss at rated load power.
*** Please contact your local Schaffner partner to order the optional NEMA 1 covers with the order code in the table above.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com