Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3256H-36-33-R69 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN3256H-36-33-R69
Description  Compact Line Filter for Industrial Machinery/Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3256H-36-33-R69 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN3256H-36-33-R69 Datasheet HTML 1Page - Schaffner International Ltd FN3256H-36-33-R69 Datasheet HTML 2Page - Schaffner International Ltd FN3256H-36-33-R69 Datasheet HTML 3Page - Schaffner International Ltd FN3256H-36-33-R69 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
10 Jun 2020
Mechanical data
FN 3256
Dimensions
8 A
16 A
25 A
36 A
64 A
80 A
120 A
160 A
A
110
110
130
130
140
170
210
200
B
110
110
118
118
143
163
170
190
C
70
70
85
85
115
125
125
130
D
82
82
90
90
115
135
140
160
E
70
70
90
90
100
120
160
150
F
94.5
94.5
102.5
102.5
127.5
147.5
153.5
173.5
G
6.5
6.5
6.5
6.5
6.5
6.5
6.5
6.5
H
1
1
1
1
1.5
1.5
1.5
1.5
I
10.9
10.9
25
25
39
45
45
51
J
M6
M6
M6
M6
M10
M10
M10
M10
K
12
12
12
12
18
18
17.5
16.5
L
33
33
40
40
40
35
44
55
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Filter input/output connector cross sections
-29
-33
-34
-35
-40
Solid wire
6 mm2
16 mm2
35 mm2
50 mm2
95 mm2
Flex wire
4 mm2
10 mm2
25 mm2
50 mm2
95 mm2
AWG type wire
AWG 10
AWG 6
AWG 2
AWG 1/0
AWG 4/0
Recommended torque
0.6-0.8 Nm
1.5-1.8 Nm
4.0-4.5 Nm
7-8 Nm
17-20 Nm
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com