Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3256H-64-34-R69 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN3256H-64-34-R69
Description  Compact Line Filter for Industrial Machinery/Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3256H-64-34-R69 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN3256H-64-34-R69 Datasheet HTML 1Page - Schaffner International Ltd FN3256H-64-34-R69 Datasheet HTML 2Page - Schaffner International Ltd FN3256H-64-34-R69 Datasheet HTML 3Page - Schaffner International Ltd FN3256H-64-34-R69 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
10 Jun 2020
Filter selection table
Filter
Buy
Rated current
Leakage current*
Power loss
Resistance**
Resistance**
Input/Output
Weight
@ 50°C (40°C)
@ 520 VAC/50 Hz
@ 25°C/50 Hz
R
R1
connections
[A]
[mA]
[W]
[kOhm]
[kOhm]
[kg]
FN3256H-8-29
8 (8.8)
0.6
2.7
1500
680
-29
0.6
FN3256H-16-29
16 (17.5)
0.6
5.0
1500
680
-29
0.7
FN3256H-25-33
25 (27)
0.6
9.8
1500
680
-33
1.1
FN3256H-36-33
36 (39)
0.6
11.3
1500
680
-33
1.2
FN3256H-64-34
64 (70)
0.6
17.2
1500
680
-34
2.3
FN3256H-80-35
80 (88)
0.6
14.5
1500
680
-35
3.5
FN3256H-120-35
120 (131)
0.9
25.0
1500
680
-35
4.7
FN3256H-160-40
160 (175)
1.3
26.9
1500
680
-40
5.7
FN3256H-8-29-R69
8 (8.8)
0.6
2.7
1500
10000
-29
0.6
FN3256H-16-29-R69
16 (17.5)
0.6
5.0
1500
10000
-29
0.7
FN3256H-25-33-R69
25 (27)
0.6
9.8
1500
10000
-33
1.1
FN3256H-36-33-R69
36 (39)
0.6
11.3
1500
10000
-33
1.2
FN3256H-64-34-R69
64 (70)
0.6
17.2
1500
10000
-34
2.3
FN3256H-80-35-R69
80 (88)
0.6
14.5
1500
10000
-35
3.5
FN3256H-120-35-R69
120 (131)
0.9
25.0
1500
10000
-35
4.7
FN3256H-160-40-R69
160 (175)
1.3
26.9
1500
10000
-40
5.7
* Standardized calculated leakage current acc. IEC60939 under normal operating conditions.
** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
8 to 36 A types
64 and 80 A types
120 A types
160 A types



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com