Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-3441 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-3441
Description  Ecosine evo, 400 VAC 50 Hz Passive Harmonic Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-3441 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-3441 Datasheet HTML 1Page - Schaffner International Ltd FN-3441 Datasheet HTML 2Page - Schaffner International Ltd FN-3441 Datasheet HTML 3Page - Schaffner International Ltd FN-3441 Datasheet HTML 4Page - Schaffner International Ltd FN-3441 Datasheet HTML 5Page - Schaffner International Ltd FN-3441 Datasheet HTML 6Page - Schaffner International Ltd FN-3441 Datasheet HTML 7Page - Schaffner International Ltd FN-3441 Datasheet HTML 8Page - Schaffner International Ltd FN-3441 Datasheet HTML 9Page - Schaffner International Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Ecosine passive
Schaffner Group
Datasheets
23 Oct 2020
Filter selection table – IP 00 enclosure
Filter
Rated load power
Motor drive
Rated filter
Min. required
Min. required
Weight
Typical
Terminal
Frame
@ 400 V/50 Hz
input current
input current
LDC
LAC
losses
size
[kW]
[Arms]***
[Arms]
[mH]*****
[mH]*****
[kg]
[W]****
FN 3441-1-110-E0_ _ _ _ _*
1.1
1.7
1.62
37.41
9.8
6
53
110
A
FN 3441-2-110-E0_ _ _ _ _*
2.2
3.4
3.23
18.71
6.01
9
73
110
A
FN 3441-4-112-E0_ _ _ _ _*
4.0
6.2
5.9
10.29
3.48
12
104
112
B
FN 3441-6-112-E0_ _ _ _ _*
5.5
8.5
8.1
7.483
2.548
15
143
112
C
FN 3441-8-112-E0_ _ _ _ _*
7.5
12
11
5.487
1.818
16
193
112
C
FN 3441-11-113-E0_ _ _ _ _
11
17
16
3.741
1.264
23
233
113
D
FN 3441-15-113-E0_ _ _ _ _
15
23
22
2.744
0.909
26
285
113
D
FN 3441-19-113-E0_ _ _ _ _
19
29
28
2.166
0.724
30
271
113
D
FN 3441-22-115-E0_ _ _ _ _
22
34
32
1.871
0.637
38
355
115
E
FN 3441-30-115-E0_ _ _ _ _
30
46
44
1.372
0.454
43
452
115
E
FN 3441-37-115-E0_ _ _ _ _
37
57
54
1.112
0.361
48
468
115
E
FN 3441-45-115-E0_ _ _ _ _
45
70
66
0.915
0.297
54
596
115
E
FN 3441-55-115-E0_ _ _ _ _
55
85
81
0.748
0.245
63
665
115
E
FN 3441-75-116-E0_ _ _ _ _
75
116
110
0.549
0.178
98
757
116
G
FN 3441-90-116-E0_ _ _ _ _
90
140
133
0.457
0.147
106
854
116
G
FN 3441-110-118-E0_ _ _ _ _
110
171
162
0.374
0.12
127
1032
118
H
FN 3441-132-118-E0_ _ _ _ _**
132
205
195
0.312
0.099
149
1062
118
H
FN 3441-160-118-E0_ _ _ _ _**
160
249
238
0.257
0.085
167
1073
118
H
FN 3441-200-118-E0_ _ _ _ _**
200
312
297
0.206
0.064
168
1228
118
H
FN 3441-250-119-E0XXSXX
250
392
376
0.165
0.051
246
1398
119
J
*
Filter rating which does not require forced cooling or fan module
**
Filter rating which does not require RC damping module for rectifiers with EMI filter
***
Motor drive input current without harmonic filter
***** Typical losses @ 45°C, 400V, 50Hz and rated load power
***** In order to apply FN 3441 filters, motor drives have to be equipped with either DC-link choke or AC line choke. The minimum required inductance
values are given in mH in the filter selection table. If neither DC-link choke nor AC line choke is present, or if the minimum mH rating is not fulfilled,
FN 3441 filter must not be used. In this case, FN 3440 need to be chosen.
Filter power terminals
Terminal designation*
Screw thread
Flex wire AWG
Flex wire
Screw torque value
Max width**
Frame size
cable lug
[mm2]
[Nm]
[mm]
110
M3
14-22
0.4-2.5
0.5
7
A
112
M4
10-22
0.4-6
1.2
10
B, C
113
M6
6-18
0.75-16
3
15
D
115
M8
1/0-8
10-50
8
15
E, F
116
M8
3/0-8
10-95
8
17
G
118
M10
3/0-500 kcmil
95-240
10
35
H
119
M16
350-750 kcmil
185-400
10
48
J
* Recommended connector type: wire or cable lug for 110 to 113, only cable lug for 115 to 119
** To fulfill creepage/clearance acc. UL 61800-5-1 without additional protection (insulation). Creepage/clearance can vary depending on applicable standard and must
be reviewed by customer. Creepage/clearance may be reduced when additional protection (insulation) is provided.
Filter signal and earth terminals
Terminal type
Screw thread
Screw torque value
Frame size
[Nm]
Signal
M3*
0.5
All
Earth (PE)
M5
2.2
A
Earth (PE)
M6
4
B, C
Earth (PE)
M8
9
D, E
Earth (PE)
M10
17
F, G, H
Earth (PE)
M12
25
J
* Max width cable lug = 7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com