Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3280H-8-29-R69 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN3280H-8-29-R69
Description  High-end Line Filter for Machinery/Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3280H-8-29-R69 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN3280H-8-29-R69 Datasheet HTML 1Page - Schaffner International Ltd FN3280H-8-29-R69 Datasheet HTML 2Page - Schaffner International Ltd FN3280H-8-29-R69 Datasheet HTML 3Page - Schaffner International Ltd FN3280H-8-29-R69 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
3-Phase + Neutral Line Filters FN 3280
High-end Line Filter for Machinery/Equipment
Now available up to 600 A
Compact, space-saving design, optimized for
industrial machinery
Combines exceptional attenuation with low
leakage current
Suitable for machines in mixed/domestic
environments (Class A/B)
Increases also the immunity if operated directly
on the mains input
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 520/300 VAC (480 VAC + 10% possible)
Operating frequency
DC to 60 Hz
Rated currents
8 to 600 A @ 50°C
High potential test voltage
P/N –> E 2750 VDC for 2 sec
P –> P 2250 VDC for 2 sec
P -> N 1300 VDC for 2 sec
Protection category
IP 20 (8 to 200 A types)
IP 00 (300 to 600 A types)
Overload capability
4x rated current at switch on,
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-25°C to +100°C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 50°C/400 V (Mil-HB-217F)
>360,000 hours
Approvals & Compliances
Features and benefits
A compact and light weight filter design with a
„cubic“ shape, requiring minimum mounting space
and thus taking the constructional conditions on
the mains input of machinery into account
Simple and time-saving installation with good
accessibility for automatic and hand tools
Solid, touch-safe terminal blocks (8 to 200 A types)
offering sufficient contacting cross section
according to the EN 60204-1 installation standard,
which is very common in industrial applications
As a mains input filter for three phases and neutral
line, FN 3280 provides enough performance to
ensure EMC compliance of machinery in mixed
(Class A) or even domestic (Class B) environments.
Further, its use will also increase the immunity of the
entire installation significantly
FN 3280 provides the attenuation performance
needed to meet the requirements of various
machine tools with up to 12 driving axes and ~10 to
20 m of motor cable each
For easy selection and application, the filter current
ratings are aligned with common fuse values
Typical applications
Mainly industrial equipment, machinery, machine
tools and diverse process auto- mation systems with
three-phase and neutral electricity supply. Due to the
outstanding attenuation performance, FN 3280 is also
the first choice for noisy power supplies, renewable
energy applications, highpower office equipment
and further three-phase and neutral devices. Because
of the relatively low leakage current, FN 3280 may
even be used for some medical devices.
Typical electrical schematic


Similar Part No. - FN3280H-8-29-R69

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
FN321-1-05 TEC-FN321-1-05 Datasheet
166Kb / 2P
Compact power entry module
logo
Schaffner International...
FN3256H-120-35 SCHAFFNER-FN3256H-120-35 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN3256H-120-35-R69 SCHAFFNER-FN3256H-120-35-R69 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN3256H-16-29 SCHAFFNER-FN3256H-16-29 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN3256H-16-29-R69 SCHAFFNER-FN3256H-16-29-R69 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
More results

Similar Description - FN3280H-8-29-R69

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EH1 MACOM-3EH1 Datasheet
271Kb / 3P
Power Inlet Line Filter for Medical Equipment
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
Waterproof In-line Connector for Industrial Machinery
logo
TE Connectivity Ltd
10EHT TEC-10EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
logo
Visual Communications C...
PCL22 VCC-PCL22 Datasheet
443Kb / 4P
Industrial Machinery
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
logo
Skynet Electronic Copyr...
SNP-BXX SKYNET-SNP-BXX Datasheet
416Kb / 4P
Machinery Power
logo
Schaffner International...
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
EMC/EMI line filter for lighting equipment
FN-3256 SCHAFFNER-FN-3256 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com