Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3310-250-99-R5 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN3310-250-99-R5
Description  Compact power line AC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3310-250-99-R5 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN3310-250-99-R5 Datasheet HTML 1Page - Schaffner International Ltd FN3310-250-99-R5 Datasheet HTML 2Page - Schaffner International Ltd FN3310-250-99-R5 Datasheet HTML 3Page - Schaffner International Ltd FN3310-250-99-R5 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
02 Oct 2020
Mechnical data
250 to 2'300 A types
Busbar connections
250 to 1'000 A types
1'500 A types
2'300 A types
Note:
all FN 3311 and FN 3310 provide unsymmetrical mounting hole patterns to prevent inverse filter installation in the field.
Dimensions (the FN 3311 IT versions have the same dimensions as the FN 3311)
250 A
400 A
600 A
1'000 A
1'500 A
2'300 A
A
170
175
190
190
195
220
B
195
210
220
220
225
280
C
140
140
140
140
150
165
D
235
250
265
305
360
410
E
195
205
220
220
240
265
F1
155
170
180
180
215
235
F2
160
175
185
185
220
240
G
Ø7
Ø9
Ø9
Ø9
Ø11
Ø11
H
1.5
2
2
2.5
2.5
2.5
J
M6
M8
M8
M8
M10
M10
K
200 (+/- 1)
210 (+/- 1)
225 (+/- 1)
225 (+/- 1)
241 (+/- 1)
266 (+/- 1)
L
215
230
245
245
265
290
O
24.5
27
29.5
29.5
34.8
40
P
49 (+/- 0.5)
54 (+/- 0.5)
59 (+/- 0.5)
59 (+/- 0.5)
69.5 (+/- 0.5)
80 (+/- 0.5)
S
26
40
T
26
35
U
41
46
50
53
59
60.5
V
20
25
25
40
60
70
W
3
4
8
8
10
15
X
10
12.5
12.5
20
17
20
Y
32.5
37.5
37.5
57.5
82.5
95
Z
Ø9
Ø11
Ø11
Ø13.5
Ø13.5
Ø13.5
All dimensions in mm; 1 inch=25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m, if not stated otherwise
Please see the brochure "Basics in EMC and Power Quality" on our website www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com