Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3310-400-99-R5 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN3310-400-99-R5
Description  Compact power line AC EMC/EMI filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3310-400-99-R5 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN3310-400-99-R5 Datasheet HTML 1Page - Schaffner International Ltd FN3310-400-99-R5 Datasheet HTML 2Page - Schaffner International Ltd FN3310-400-99-R5 Datasheet HTML 3Page - Schaffner International Ltd FN3310-400-99-R5 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA
SHEET
3-Phase Filters FN 3311/FN 3310
Compact power line AC EMC/EMI filter
High current 3-phase filter up to 2300 A
Extremely compact and light weight design
Minimum installation foot print
Performance optimised for standard purpose
applications
FN 3310 series without Cy capacitors to ground
FN 3311 IT versions for use in IT power
networks
Performance indicators
Technical specifications
Maximum continuous operating voltage
3x 520/300 VAC for FN 3311
3x 520 VAC for FN 3310
Operating frequency
DC to 60 Hz
Rated currents
250 to 2300 A @ 50°C
High potential test voltage
P –> E 2 kVAC for 2 sec (FN 3311 IT 3 kVAC for 2 sec)
P –> P 2.25 kVDC for 2 sec (FN 3311 IT 2.68 kVDC for
2 sec)
Protection category
IP 00
Overload capability
4x rated current at switch on, max. 8 sec
1.5x rated current for 1 minute, once per hour
Temperature range (operation and storage)
-40°C to +100°C
Climatic category
40/100/21 acc. to IEC 60068-1
Terminals/Housing
Ni plated cu bars/Metal
Flammability corresponding to
UL 94V-0
Design corresponding to
UL 1283, CSA 22.2 No. 8, IEC/EN 60939, EN 60721-3
MTBF @ Rated amb. Temp./Voltage (Mil-
HB-217F)
> 200,000 hours
Approvals & Compliances
The FN 3311/FN 3310 poduct series of standard EMC/
EMI filters are based on Schaffner’s many years of
expertise in filter design for all types of converter and
inverter applications. Installed between the PV
inverter and the power grid, the FN 3311/FN 3310 AC
filters are used to influence positively the conducted
emissions on the grid side to help to comply with the
required emission standards.
Features and benefits
The FN 3311/FN 3310 series are the most compact
dedicated high current AC filters, not only suitable for
PV applications, but being an optimum fit with most
modern PV inverter topologies. In addition the filters
can be configured in a very flexible way to fulfil
custom specific application requirements. All FN
3311/FN 3310 come in unsymmetrical housings,
which help to prevent inverse installation and wrong
electrical connection. Along with solar panel-side
installed Schaffner DC EMC/EMI filters FN 2211/FN
2210, the AC filters FN 3311/FN 3310 are key to meet
the stringent international standards for electro-
magnetic compatibility and help to ensure a reliable
and fault-free operation of the entire PV system.
Typical applications
The FN 3311/FN 3310 series are primarily designed for
all kind of power line connected converter and
inverter applications between 250 and 2'300 A.
However, they are optimised for PV inverter and can
potentially also be applied for general purpose motor
drives applications.
Typical electrical schematic FN 3311
*
- FN 3311 IT series without resistor to PE
- FN 3310 series without resistor and capacitor to PE


Similar Part No. - FN3310-400-99-R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN332-1-05 ETC2-FN332-1-05 Datasheet
186Kb / 4P
Performance EMI Filter
logo
Schaffner International...
FN332-1-05 SCHAFFNER-FN332-1-05 Datasheet
378Kb / 4P
Performance EMI Filter
logo
List of Unclassifed Man...
FN332-10A-05 ETC2-FN332-10A-05 Datasheet
186Kb / 4P
Performance EMI Filter
logo
Schaffner International...
FN332-10A-05 SCHAFFNER-FN332-10A-05 Datasheet
378Kb / 4P
Performance EMI Filter
logo
List of Unclassifed Man...
FN332-3-05 ETC2-FN332-3-05 Datasheet
186Kb / 4P
Performance EMI Filter
More results

Similar Description - FN3310-400-99-R5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN356-50-33 ETC2-FN356-50-33 Datasheet
250Kb / 4P
General Purpose EMC/EMI Line Filter
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
EMI/EMC Filter
logo
Schaffner International...
FN-356 SCHAFFNER-FN-356 Datasheet
569Kb / 4P
General Purpose EMC/EMI Line Filter
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
Compact high current DC EMC/EMI filter
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
EMC/EMI line filter for lighting equipment
FN-3311-HV SCHAFFNER-FN-3311-HV Datasheet
1Mb / 4P
Compact 690 VAC power line EMC/EMI filter
logo
DONG IL TECHNOLOGY LTD.
ES3 DIT-ES3 Datasheet
1Mb / 2P
EMI/EMC FILTER
HP4 DIT-HP4 Datasheet
954Kb / 2P
EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
EMI/EMC FILTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com