Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3280H-400-99-R69 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN3280H-400-99-R69
Description  High-end Line Filter for Machinery/Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3280H-400-99-R69 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN3280H-400-99-R69 Datasheet HTML 1Page - Schaffner International Ltd FN3280H-400-99-R69 Datasheet HTML 2Page - Schaffner International Ltd FN3280H-400-99-R69 Datasheet HTML 3Page - Schaffner International Ltd FN3280H-400-99-R69 Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
21 Sep 2020
Filter selection table
Filter
Buy
Rated current
Leakage current*
Power loss
Resistance**
Resistance**
Input/Output
Weight
@ 50ºC (40ºC)
@ 520 VAC/50 Hz
@ 25ºC/50 Hz
R
R1
connections
[A]
[mA]
[W]
[kOhm]
[kOhm]
[kg]
FN3280H-8-29
8 (8.8)
10.7
2.7
1500
660
-29
0.8
FN3280H-16-29
16 (17.5)
10.7
6.0
1500
660
-29
0.8
FN3280H-25-33
25 (27)
10.7
11.6
820
660
-33
1.3
FN3280H-36-33
36 (39)
10.7
14.8
820
660
-33
1.6
FN3280H-64-34
64 (70)
10.7
18.4
820
660
-34
2.7
FN3280H-80-35
80 (88)
10.7
18.9
1000
660
-35
4.1
FN3280H-120-35
120 (131)
10.7
28.5
1000
660
-35
5.9
FN3280H-160-40
160 (175)
10.7
30.7
1000
660
-40
7.9
FN3280H-200-40
200 (219)
10.7
46.8
1000
660
-40
8.5
FN3280H-300-99
300 (328)
42.1
20.3
1000
680
-99
10.0
FN3280H-400-99
400 (438)
42.1
36.0
1000
680
-99
10.0
FN3280H-600-99
600 (657)
42.1
64.8
1000
680
-99
11.0
FN3280H-8-29-R69
8 (8.8)
10.7
2.7
1500
10000
-29
0.8
FN3280H-16-29-R69
16 (17.5)
10.7
6.0
1500
10000
-29
0.8
FN3280H-25-33-R69
25 (27)
10.7
11.6
1500
10000
-33
1.3
FN3280H-36-33-R69
36 (39)
10.7
14.8
1500
10000
-33
1.6
FN3280H-64-34-R69
64 (70)
10.7
18.4
1500
10000
-34
2.7
FN3280H-80-35-R69
80 (88)
10.7
18.9
1500
10000
-35
4.1
FN3280H-120-35-R69
120 (131)
10.7
28.5
1500
10000
-35
5.9
FN3280H-160-40-R69
160 (175)
10.7
30.7
1500
10000
-40
7.9
FN3280H-200-40-R69
200 (219)
10.7
46.8
1500
10000
-40
8.5
FN3280H-300-99-R69
300 (328)
42.1
20.3
1500
10000
-99
10.0
FN3280H-400-99-R69
400 (438)
42.1
36.0
1500
10000
-99
10.0
FN3280H-600-99-R69
600 (657)
42.1
64.8
1500
10000
-99
11.0
* Standardized calculated leakage current acc. IEC60939 under normal operating conditions.
** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
8 and 16 A types
25 and 36 A types
64 to 120 A types
160 and 200 A types
300 to 600 A types
Check distribution inventory



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com