Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8502SHO2V02SX21 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8502SHO2V02SX21
Description  NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8502SHO2V02SX21 Datasheet(HTML) 1 Page - Schneider Electric

  8502SHO2V02SX21 Datasheet HTML 1Page - Schneider Electric 8502SHO2V02SX21 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
8502SHO2V02SX21
NEMA Contactor, Type S, nonreversing, Size 6,
540A, 400 HP at 575 VAC, 3 phase, up to 100 kA,
3 pole, 120 VAC coil, open
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 20,811.50 USD
Main
Product Type
Contactor
Type
8502S
Control Circuit Type
Control circuit transformer
Control Circuit Voltage
120 V AC 60 Hz
110 V AC 50 Hz
Contactor Type
Non-reversing
Current Rating
540 A
Number of Poles
3P
Phase
3 phase
Horsepower Rating
150 HP 200 V AC
200 HP 230 V AC
400 HP 460 V AC
400 HP 575 V AC
Maximum Voltage Rating
600 V AC
SCCR
Circuit-breaker 800 A maximum, SCCR: 100 kA at 480 V AC
Fuse J 600 A maximum, SCCR: 100 kA at 600 V AC
Fuse T 600 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK1 600 A maximum, SCCR: 100 kA at 600 V AC
Fuse RK5 600 A maximum, SCCR: 100 kA at 600 V AC
Control Units
No control units
Pilot Light
No indicator
Auxiliary Contacts
2 NO + 1 NC
Control Circuit Fusing
2 fuses (primary)
Electrical Connection
Screw clamp terminals
Enclosure Type
Not rated (open device)
Certifications
UL listed file E78351 CCN NLDX
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 11, 2020
1


Similar Part No. - 8502SHO2V02SX21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SHO2V02S SCHNEIDER-8502SHO2V02S Datasheet
113Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SHO2V02S SCHNEIDER-8502SHO2V02S Datasheet
123Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SHO2V02S SCHNEIDER-8502SHO2V02S_V01 Datasheet
123Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
More results

Similar Description - 8502SHO2V02SX21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8502SHO2V02S SCHNEIDER-8502SHO2V02S Datasheet
113Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
Dec 11, 2020
8502SHO2V03 SCHNEIDER-8502SHO2V03 Datasheet
113Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 240 VAC coil, open
Dec 11, 2020
8502SHO2V03Y231 SCHNEIDER-8502SHO2V03Y231 Datasheet
57Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 240 VAC coil, open
Dec 11, 2020
8502SHO2V05 SCHNEIDER-8502SHO2V05 Datasheet
112Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 380 VAC coil, open
Dec 11, 2020
8502SHO2V06 SCHNEIDER-8502SHO2V06 Datasheet
113Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 480 VAC coil, open
Dec 11, 2020
8502SHO2V08 SCHNEIDER-8502SHO2V08 Datasheet
112Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 208 VAC coil, open
Dec 11, 2020
8502SHO2V02S SCHNEIDER-8502SHO2V02S_V01 Datasheet
123Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 120 VAC coil, open
May 16, 2022
8502SHO2V03 SCHNEIDER-8502SHO2V03_V01 Datasheet
122Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 240 VAC coil, open
May 16, 2022
8502SHO2V05 SCHNEIDER-8502SHO2V05_V01 Datasheet
122Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 380 VAC coil, open
May 16, 2022
8502SHO2V06 SCHNEIDER-8502SHO2V06_V01 Datasheet
123Kb / 2P
NEMA Contactor, Type S, nonreversing, Size 6, 540A, 400 HP at 575 VAC, 3 phase, up to 100 kA, 3 pole, 480 VAC coil, open
May 16, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com