Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JR28-R-4MDP3 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # JR28-R-4MDP3
Description  Voltage Rating 20 to 28 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

JR28-R-4MDP3 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  JR28-R-4MDP3 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
0
SOUND
BLACK wire and ORANGE wire to Power
TOP
BROWN wire and RED wire to Power
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Specifications:
Mallory Sonalert Products,Inc.
JR28-R-4MDP3
Sales Outline Drawing
A
Sound Level Category
Medium
Mode of Operation
Slow Double Pulse @ 0.5 PPS
Voltage Rating
20 to 28 VAC/DC
Frequency
3900 ± 500 Hz
Loudness @ 1M
70 to 75 dB(A) Typ.
Sound Current Draw
40mA MAX
LED Color
RED
LED Current Draw
60mA MAX
Total Max Current Draw
100mA MAX
Housing Material
6/6 Nylon, Color: Black
Storage Temperature
-40° to +70° C
Approved with use of included gasket.
Operating Temperature
-30° to +60° C
Mounting
Recommended hole size is 22.5 mm.
Knurled Nut
The max recommended torque is 10 in-lbs.
Connections:
Options
Please contact factory.
Dimensions:
Inches (mm)
cUL Recognized
ROHS Compliant
Cable
Gray, UL Style 21894, 300V, 105°C, 24AWG, Pb-Free Tinned Leads
Weight (Typical)
105 grams
NEMA 12
Top Cap Material
6/6 Nylon, Color: Opaque White
M22 x 1.5 Thread
<0.86 Maj. Dia.
Gasket
Knurl nut
4±0.1" [102± 2.54mm]
1.210 [30.73]
13.2±1" [342±25mm]
0.524 [13.31]


Similar Part No. - JR28-R-4MDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
JR28-R-4MDP315 MSPI-JR28-R-4MDP315 Datasheet
170Kb / 1P
Voltage Rating 20 to 28 VAC/DC
More results

Similar Description - JR28-R-4MDP3

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
JR28-RG-DMCM1 MSPI-JR28-RG-DMCM1 Datasheet
175Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RG-DMCT1 MSPI-JR28-RG-DMCT1 Datasheet
175Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RG-DMDP2 MSPI-JR28-RG-DMDP2 Datasheet
175Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RG-DMFP115 MSPI-JR28-RG-DMFP115 Datasheet
175Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RG-DMSP115 MSPI-JR28-RG-DMSP115 Datasheet
175Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RYG-4LCT115 MSPI-JR28-RYG-4LCT115 Datasheet
170Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RYG-4MCM115 MSPI-JR28-RYG-4MCM115 Datasheet
170Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RYG-4MDP3 MSPI-JR28-RYG-4MDP3 Datasheet
170Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RYG-4MFP1 MSPI-JR28-RYG-4MFP1 Datasheet
170Kb / 1P
Voltage Rating 20 to 28 VAC/DC
JR28-RG-4MDP315 MSPI-JR28-RG-4MDP315 Datasheet
171Kb / 1P
Voltage Rating 20 to 28 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com