Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL15T80 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # SL15T80
Description  15.0 A SUPER BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

SL15T80 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  SL15T80_V01 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd SL15T80_V01 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case:TO-277B Molded Plastic "Green" Molding Compound
mmended pad layout .
2. FR-4 PCB, 2oz. Copper, minimum reco
Weight: 0.093 grams (approx.)
Lead Free: For RoHS/Lead Free Version
15.0 A SUPER BARRIER RECTIFIER
SL15T80 - SL15T200
Features
Mechanical Data
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
1 of 2
SL15T80 - SL15T200
!
3. Polymide PCB, 2oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 14.4mm.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
TO-277B
0.45
0.20
1.20
1.00
6.60
6.40
1.00
0.80
1.20
1.00
3.20
2.90
0.65
0.45
5.50
5.30
1.90
1.70
4.20
3.80
1.95
1.65
3.85
3.25
Dimensions in millimeters
Excellent High Temperature Stability
High Thermal Reliability
Ultra Low Power Loss, High Efficiency
High Foward Surge Capability
High Junction Temperture
Bypass Diodes for Solar Panels
!
!
!
!
!
Patented Super Barrier Rectifier Technology
!
!
!
Schottky Barrier Chip
15
A
Unit
Characteristic
Symbol
250
A
V
110
°C/W
-55 to +150
°C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
(Note 1)
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage Drop
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.3
15
mA
Typical Thermal Resistance (Note 1)
RJA
Operating and Storage Temperature Range
Tj, TSTG
V
Typ.
V
I t Rating for Fusing (t< 8.3ms)
2
I t
2
259.4
A s
2
0.38
0.47
0.63
80
56
100
70
120
84
150
105
200
140
@I
F = 1.0A
TA = 25°C
@I
F = 5.0A
TA = 25°C
@I
F = 15 A
TA = 25°C
Max.
-
-
0.66
0.92
Typ.
0.38
0.47
0.63
Max.
-
-
0.66
0.70
Typ.
0.48
0.68
0.80
Max.
-
-
0.85
0.55
@I
F = 10 A
TA = 25°C
0.63
0.55
0.63
0.74
-
SL15T80
SL15T100
SL15T120
SL15T150
SL15T200


Similar Part No. - SL15T80_V01

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SL15T80L ZSELEC-SL15T80L Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results

Similar Description - SL15T80_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB1505W ETC2-TB1505W Datasheet
243Kb / 5P
15.0 A SINGLE-PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
15SQ030 NAINA-15SQ030 Datasheet
131Kb / 2P
Schottky Barrier Rectifier, 15.0 A
logo
Zibo Seno Electronic En...
SL10T80L ZSELEC-SL10T80L Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL15T80L ZSELEC-SL15T80L Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL20T80L ZSELEC-SL20T80L Datasheet
192Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SL10T80 ZSELEC-SL10T80_V01 Datasheet
190Kb / 2P
10.0 A SUPER BARRIER RECTIFIER
SL20T80 ZSELEC-SL20T80_V01 Datasheet
191Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SB1545L ZSELEC-SB1545L_V01 Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SB20T80L ZSELEC-SB20T80L_V01 Datasheet
189Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SP1545L ZSELEC-SP1545L Datasheet
189Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com