Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3731CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3731CG
Description  3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3731CG Datasheet(HTML) 2 Page - Linear Technology

  LTC3731CG Datasheet HTML 1Page - Linear Technology LTC3731CG Datasheet HTML 2Page - Linear Technology LTC3731CG Datasheet HTML 3Page - Linear Technology LTC3731CG Datasheet HTML 4Page - Linear Technology LTC3731CG Datasheet HTML 5Page - Linear Technology LTC3731CG Datasheet HTML 6Page - Linear Technology LTC3731CG Datasheet HTML 7Page - Linear Technology LTC3731CG Datasheet HTML 8Page - Linear Technology LTC3731CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3731
3731fa
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Topside Driver Voltages (BOOSTN) ............ 38V to –0.3V
Switch Voltage (SWN)................................... 32V to –5V
Boosted Driver Voltage (BOOSTN – SWN) .... 7V to –0.3V
Peak Output Current <1ms (TGN, BGN) ..................... 5A
Supply Voltages (VCC, VDR), PGOOD
Pin Voltage .................................................. 7V to –0.3V
RUN/SS, PLLFLTR, PLLIN, UVADJ,
FCB Voltages ............................................. VCC to –0.3V
ORDER PART
NUMBER
LTC3731CG
LTC3731IG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VCC
PLLIN
PLLFLTR
FCB
IN+
IN–
DIFFOUT
EAIN
SGND
SENSE1+
SENSE1–
SENSE2+
SENSE2–
SENSE3–
SENSE3+
RUN/SS
ITH
UVADJ
CLKOUT
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VDR
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
PHASMD
SGND2
TJMAX = 125°C, θJA = 95°C/W, θJC = 32°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VRUN/SS = 5V unless otherwise noted.
ITH Voltage ................................................ 2.4V to –0.3V
Operating Ambient Temperature Range
LTC3731C .................................................... 0°C to 70°C
LTC3731I ................................................. –40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature G Package (Soldering, 10sec) .. 300°C
Peak Body Temperature UH Package ................... 240°C
(Note 1)
ORDER PART
NUMBER
LTC3731CUH
LTC3731IUH
UH PART
NUMBER
3731
3731I
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
33
8
7
6
5
4
3
2
1
IN–
DIFFOUT
EAIN
SENSE1+
SENSE1–
SENSE2+
SENSE2–
SENSE3–
BOOST2
TG2
SW2
VCC
BG1
PGND
BG2
BG3
UH PACKAGE
32-LEAD PLASTIC QFN
EXPOSED PAD (PIN 33) IS SIGNAL GROUND
(SGND) AND MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 34°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VREGULATED
Regulated Voltage at IN+
VITH = 1.2V (Note 3)
0.596
0.600
0.604
V
● 0.594
0.600
0.606
V
LTC3731IG
● 0.591
0.609
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com