Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3731HG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3731HG
Description  3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3731HG Datasheet(HTML) 2 Page - Linear Technology

  LTC3731HG Datasheet HTML 1Page - Linear Technology LTC3731HG Datasheet HTML 2Page - Linear Technology LTC3731HG Datasheet HTML 3Page - Linear Technology LTC3731HG Datasheet HTML 4Page - Linear Technology LTC3731HG Datasheet HTML 5Page - Linear Technology LTC3731HG Datasheet HTML 6Page - Linear Technology LTC3731HG Datasheet HTML 7Page - Linear Technology LTC3731HG Datasheet HTML 8Page - Linear Technology LTC3731HG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC3731H
3731hf
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
(Note 1)
Topside Driver Voltages (BOOSTN) ............ 38V to –0.3V
Switch Voltage (SWN)................................... 32V to –5V
Boosted Driver Voltage (BOOSTN – SWN) .... 7V to –0.3V
Peak Output Current <1ms (TGN, BGN) ..................... 5A
Supply Voltages (VCC, VDR), PGOOD
Pin Voltage .................................................. 7V to –0.3V
RUN/SS, PLLFLTR, PLLIN, UVADJ,
FCB Voltages ............................................. VCC to –0.3V
ITH Voltage ................................................ 2.4V to –0.3V
Operating Junction
Temperature Range (Note 2) .................–40
°C to 140°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature G Package (Soldering, 10sec) .. 300
°C
ORDER PART
NUMBER
LTC3731HG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
TOP VIEW
G PACKAGE
36-LEAD PLASTIC SSOP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
VCC
PLLIN
PLLFLTR
FCB
NC
NC
NC
EAIN
SGND
SENSE1+
SENSE1–
SENSE2+
SENSE2–
SENSE3–
SENSE3+
RUN/SS
ITH
UVADJ
CLKOUT
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VDR
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
PHASMD
SGND
TJMAX = 140°C, θJA = 95°C/W, θJC = 32°C/W
PINS 5 AND 6 CAN BE GROUNDED OR NC
PIN 7 MUST BE LEFT AS NC
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VRUN/SS = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VREGULATED
Regulated Voltage at EAIN
VITH = 1.2V (Note 3)
0.594
0.600
0.606
V
● 0.590
0.600
0.614
V
VSENSEMAX
Maximum Current Sense Threshold
VEAIN = 0.5V, VITH Open,
65
75
85
mV
VSENSE1–, VSENSE2–, VSENSE3– = 0.6V, 1.8V
●
60
75
90
mV
IMATCH
Maximum Current Threshold Match
Worst-Case Error at VSENSEMAX
–5
5
%
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 0.7V
●
0.1
0.7
%
Measured in Servo Loop,
∆ITH Voltage = 1.2V to 2V
●
–0.1
–0.7
%
VREFLNREG
Output Voltage Line Regulation
VCC = 4.5V to 7V
0.03
%/V
gm
Transconductance Amplifier gm
ITH = 1.2V, Sink/Source 25µA (Note 3)
●
3
5
7
mmho
gmOL
Transconductance Amplifier GBW
ITH = 1.2V (gm • ZL, ZL = Series 1k-100kΩ-1nF)
3
MHz
VFCB
Forced Continuous Threshold
●
0.54
0.60
0.66
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com