Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN3840-80-34-C45-R65 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN3840-80-34-C45-R65
Description  Book-style EMC/RFI Filter for regenerative drive application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN3840-80-34-C45-R65 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN3840-80-34-C45-R65 Datasheet HTML 1Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 2Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 3Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 4Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 5Page - Schaffner International Ltd FN3840-80-34-C45-R65 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
26 Nov 2020
Filter selection table
Filter
Rated
current
Typical drive
Leakage
current**
DC
Resistance
Typical Power
Dissipation
Terminal
Type
Weight
Thermal
Switch***
@ 50°C
power
rating*
@ 530 VAC/50 Hz
@ 25°C
Switching Temp.
[A]
[kW]
[mA]
[mOhm]
[W]
[kg]
[°C]
FN3840-25-33-C35-R65
25
15
4.3
9.5
22
-33
2.5
180
FN3840-50-53-C35-R65
50
30
4.3
5
43
-53
3.5
180
FN3840-80-34-C45-R65
80
45
7.7
1.5
40
-34
5.7
180
FN3840-160-40-C45-R65
160
90
7.7
0.4
40
-40
7.9
180
FN3840-250-99-C2835-R67
250
150
10.7
0.1
26
-99
4.3
150
FN3840-380-99-C2835-R67
380
200
10.7
0.07
33
-99
4.5
150
* Typical power rating at 400 VAC with cos phi=0.85. The exact value depends upon the efficiency of the drive, the motor and the entire application.
** Standardized calculated leakage current acc. IEC 60939 under normal operating conditions.
*** Normally closed thermal protector switch, 250VAC / 24VDC, 6.3A (with cos phi 0.6); reverse switching temperature = switching temp - 50K.
Typical electrical schematic (≤160A)
PE
L1
L3
L2
L2'
PE
L3'
L1'
Typical electrical schematic (≥250A)
L2'
PE
L1'
L3'
PE
L3
L1
L2
Tolerances apply: L +50%/-30% , C ±20%, R ±10%
Typical filter attenuation
Per CISPR 17: symmetrical 50 Ω/50 Ω -> Differential Mode (DM); asymmetrical 50 Ω/50 Ω -> Common Mode (CM)
FN3840-25-33-C35-R65
FN3840-50-53-C35-R65
FN3840-80-34-C45-R65
FN3840-160-40-C45-R65
FN3840-250-99-C2835-R67
FN3840-380-99-C2835-R67



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com