Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-9244 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9244
Description  Excellent Performance EMC/EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9244 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9244 Datasheet HTML 1Page - Schaffner International Ltd FN-9244 Datasheet HTML 2Page - Schaffner International Ltd FN-9244 Datasheet HTML 3Page - Schaffner International Ltd FN-9244 Datasheet HTML 4Page - Schaffner International Ltd FN-9244 Datasheet HTML 5Page - Schaffner International Ltd FN-9244 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 16 Apr 2020
Filter selection table
<td/> <td/>
Filter
Rated current
Leakage current*
Inductance
Capacitance
Resistance
Output
Weight
@ 50°C (25°C)
@ 250 VAC/50 Hz
L
Cx
Cy
R
connections
(@ 120 VAC/60 Hz)
[A]
[mA]
[mH]
[μF]
[nF]
[kΩ]
[g]
FN9244x-1-06
1 (1.2)
0.31 (0.18)
59.53
0.1
2.2
-06
38
FN9244x-3-06
3 (3.5)
0.31 (0.18)
13.45
0.1
2.2
-06
38
FN9244x-6-06
6 (7.2)
0.31 (0.18)
4.1
0.1
2.2
-06
38
FN9244x-8-06
8 (10.6)
0.31 (0.18)
2.3
0.1
2.2
-06
38
FN9244x-10-06
10 (11.6)
0.31 (0.18)
1.02
0.1
2.2
-06
38
FN9244x-12-06
12 (12)
0.31 (0.18)
0.58
0.1
2.2
-06
38
FN9244x-15-06
15 (15)
0.31 (0.18)
0.4
0.1
2.2
-06
38
FN9244x-12-06HI
12 (12)
0.31 (0.18)
0.58
0.1
2.2
-06
38
FN9244x-15-06HI
15 (15)
0.31 (0.18)
0.4
0.1
2.2
-06
38
FN9244xR-1-06
1 (1.2)
0.31 (0.18)
59.53
0.1
2.2
1000
-06
38
FN9244xR-3-06
3 (3.5)
0.31 (0.18)
13.45
0.1
2.2
1000
-06
38
FN9244xR-6-06
6 (7.2)
0.31 (0.18)
4.1
0.1
2.2
1000
-06
38
FN9244xR-8-06
8 (10.6)
0.31 (0.18)
2.3
0.1
2.2
1000
-06
38
FN9244xR-10-06
10 (11.6)
0.31 (0.18)
1.02
0.1
2.2
1000
-06
38
FN9244xR-12-06
12 (12)
0.31 (0.18)
0.58
0.1
2.2
1000
-06
38
FN9244xR-15-06
15 (15)
0.31 (0.18)
0.4
0.1
2.2
1000
-06
38
FN9244xR-12-06HI
12 (12)
0.31 (0.18)
0.58
0.1
2.2
1000
-06
38
FN9244xR-15-06HI
15 (15)
0.31 (0.18)
0.4
0.1
2.2
1000
-06
38
FN9244xB-1-06
1 (1.2)
0.00
59.53
0.1
1000
-06
38
FN9244xB-3-06
3 (3.5)
0.00
13.45
0.1
1000
-06
38
FN9244xB-6-06
6 (7.2)
0.00
4.1
0.1
1000
-06
38
FN9244xB-8-06
8 (10.6)
0.00
2.3
0.1
1000
-06
38
FN9244xB-10-06
10 (11.6)
0.00
1.02
0.1
1000
-06
38
FN9244xB-12-06
12 (12)
0.00
0.58
0.1
1000
-06
38
FN9244xB-15-06
15 (15)
0.00
0.4
0.1
1000
-06
38
FN9244xB-12-06HI
12 (12)
0.00
0.58
0.1
1000
-06
38
FN9244xB-15-06HI
15 (15)
0.00
0.4
0.1
1000
-06
38
* Maximum leakage under normal operating conditions (acc. to IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
Typical filter attenuation
Per CISPR 17; A=50 Ω/50 Ω sym; B=50 Ω/50 Ω asym; C=0.1 Ω/100 Ω sym; D=100 Ω/0.1 Ω sym
1 and 3 A t
1 and 3 A types
ypes
6 t
6 to 10 A t
o 10 A types
ypes
12 and 15 A t
12 and 15 A types
ypes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com