Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-9264 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9264
Description  General Purpose Power Entry Module with Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9264 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9264 Datasheet HTML 1Page - Schaffner International Ltd FN-9264 Datasheet HTML 2Page - Schaffner International Ltd FN-9264 Datasheet HTML 3Page - Schaffner International Ltd FN-9264 Datasheet HTML 4Page - Schaffner International Ltd FN-9264 Datasheet HTML 5Page - Schaffner International Ltd FN-9264 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 05 Nov 2019
Filter selection table
Filter
Rated current
Leakage current*
Inductance**
Capacitance**
Resistance**
Output
Weight
@ 40°C (25°C)
@ 250 VAC/50 Hz
L
Cx
Cy
R
connections
(@120 VAC/60Hz)
[A]
[mA]
[mH]
[μF]
[nF]
[kΩ]
[g]
FN 9264xx-1-06-y
1 (1.2)
0.31 (0.18)
5.15
0.1
2.2
1000
-06
55
FN 9264xx-2-06-y
2 (2.3)
0.31 (0.18)
2.7
0.1
2.2
1000
-06
55
FN 9264xx-3-06-y
3 (3.6)
0.31 (0.18)
2
2.2
1000
-06
55
FN 9264xx-4-06-y
4 (4.6)
0.31 (0.18)
1
0.1
2.2
1000
-06
55
FN 9264xx-6-06-y
6 (6.9)
0.31 (0.18)
0.3
0.1
2.2
1000
-06
55
FN 9264xx-10-06-y
10 (11.5)
0.31 (0.18)
0.21
0.1
2.2
1000
-06
55
*** Leakage current under normal operating conditions (acc. to IEC60939-3). Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
Product selector
For example: FN 9264-1-06, FN 9264 B-6-06, FN 9264 SB-4-06-30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com