Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-9280 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9280
Description  Ultra Compact and Versatile Filtered Power Entry Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9280 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9280 Datasheet HTML 1Page - Schaffner International Ltd FN-9280 Datasheet HTML 2Page - Schaffner International Ltd FN-9280 Datasheet HTML 3Page - Schaffner International Ltd FN-9280 Datasheet HTML 4Page - Schaffner International Ltd FN-9280 Datasheet HTML 5Page - Schaffner International Ltd FN-9280 Datasheet HTML 6Page - Schaffner International Ltd FN-9280 Datasheet HTML 7Page - Schaffner International Ltd FN-9280 Datasheet HTML 8Page - Schaffner International Ltd FN-9280 Datasheet HTML 9Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
13 Jan 2020
Filter selection table
Filter*
Rated current
Leakage current**
Inductance
Capacitance
Resistance
Output
Weight
@ 40°C
@ 250 VAC /50 Hz
L1
L2
Cx
Cy
R
connections
(@ 120 VAC /60 Hz)
[A]
[mA]
[mH]
[mH]
[nF]
[nF]
[kOhm]
[g]
FN 9280-1-..
1
0.31 (0.18)
10.9
0
220
2.2
1000
-06
-100
101
FN 9280-2-..
2
0.31 (0.18)
4.4
0
220
2.2
1000
-06
-100
102
FN 9280-4-..
4
0.31 (0.18)
1.7
0
220
2.2
1000
-06
-100
105
FN 9280-6-..
6
0.31 (0.18)
0.78
0
220
2.2
1000
-06
-100
104
FN 9280-10-..
10
0.31 (0.18)
0.32
0
220
2.2
1000
-06
-100
106
FN 9280 B-1-..
1
0.00
10.9
0
220
0
1000
-06
-100
101
FN 9280 B-2-..
2
0.00
4.4
0
220
0
1000
-06
-100
102
FN 9280 B-4-..
4
0.00
1.7
0
220
0
1000
-06
-100
105
FN 9280 B-6-..
6
0.00
0.78
0
220
0
1000
-06
-100
104
FN 9280 B-10-..
10
0.00
0.32
0
220
0
1000
-06
-100
106
FN 9289-1-..
1
0.31 (0.18)
10.9
0
220
2.2
1000
-06
-100
101
FN 9289-2-..
2
0.31 (0.18)
4.4
0
220
2.2
1000
-06
-100
102
FN 9289-4-..
4
0.31 (0.18)
1.7
0
220
2.2
1000
-06
-100
105
FN 9289-6-..
6
0.31 (0.18)
0.78
0
220
2.2
1000
-06
-100
104
FN 9289-10-..
10
0.31 (0.18)
0.32
0
220
2.2
1000
-06
-100
106
FN 9289 B-1-..
1
0.00
10.9
0
220
0
1000
-06
-100
101
FN 9289 B-2-..
2
0.00
4.4
0
220
0
1000
-06
-100
102
FN 9289 B-4-..
4
0.00
1.7
0
220
0
1000
-06
-100
105
FN 9289 B-6-..
6
0.00
0.78
0
220
0
1000
-06
-100
104
FN 9289 B-10-..
10
0.00
0.32
0
220
0
1000
-06
-100
106
FN 9280 E-1-..
1
0.31 (0.18)
10.9
0.4
220
2.2
1000
-06
-100
135
FN 9280 E-2-..
2
0.31 (0.18)
4.4
0.4
220
2.2
1000
-06
-100
136
FN 9280 E-4-..
4
0.31 (0.18)
1.66
0.4
220
2.2
1000
-06
-100
137
FN 9280 E-6-..
6
0.31 (0.18)
0.78
0.4
220
2.2
1000
-06
-100
138
FN 9280 E-10-..
10
0.31 (0.18)
0.32
0.4
220
2.2
1000
-06
-100
139
FN 9280 EB-1-..
1
0.00
10.9
0.4
220
0
1000
-06
-100
135
FN 9280 EB-2-..
2
0.00
4.4
0.4
220
0
1000
-06
-100
136
FN 9280 EB-4-..
4
0.00
1.66
0.4
220
0
1000
-06
-100
137
FN 9280 EB-6-..
6
0.00
0.78
0.4
220
0
1000
-06
-100
138
FN 9280 EB-10-..
10
0.00
0.32
0.4
220
0
1000
-06
-100
139
FN 9289 E-1-..
1
0.31 (0.18)
10.9
0.4
220
2.2
1000
-06
-100
135
FN 9289 E-2-..
2
0.31 (0.18)
4.4
0.4
220
2.2
1000
-06
-100
136
FN 9289 E-4-..
4
0.31 (0.18)
1.66
0.4
220
2.2
1000
-06
-100
137
FN 9289 E-6-..
6
0.31 (0.18)
0.78
0.4
220
2.2
1000
-06
-100
138
FN 9289 E-10-..
10
0.31 (0.18)
0.32
0.4
220
2.2
1000
-06
-100
139
FN 9289 EB-1-..
1
0.00
10.9
0.4
220
0
1000
-06
-100
135
FN 9289 EB-2-..
2
0.00
4.4
0.4
220
0
1000
-06
-100
136
FN 9289 EB-4-..
4
0.00
1.66
0.4
220
0
1000
-06
-100
137
FN 9289 EB-6-..
6
0.00
0.78
0.4
220
0
1000
-06
-100
138
FN 9289 EB-10-..
10
0.00
0.32
0.4
220
0
1000
-06
-100
139
* To compile a complete part number, please replace the -.. with the required output connection style (e.g. FN 9289-1-06, FN 9282-4-100)
** Maximum leakage current under normal conditions (according to IEC60939-3)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com