Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI111PC Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # RI111PC
Description  Saturating Chokes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

RI111PC Datasheet(HTML) 2 Page - Schaffner International Ltd

  RI111PC Datasheet HTML 1Page - Schaffner International Ltd RI111PC Datasheet HTML 2Page - Schaffner International Ltd RI111PC Datasheet HTML 3Page - Schaffner International Ltd RI111PC Datasheet HTML 4Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 22 Apr 2020
Choke selection table
Choke
Nominal current
Resistance
Choke
Input/Output
Weight
@ 40°C
R
configuration
connections
[A]
[mΩ/path]
[Qty]
[g]
RI 111 PC
6
42
2
02
170
RI 401 PC
1.5
620
1
02
15
RI 403 PC
3
105
1
02
30
RI 406 PC
6
53
1
02
55
RI 410 PC
10
28
1
02
95
RI 415
15
8
1
07
205
RI 425
25
4
1
07
325
Test conditions:
Resistance tolerance: ±15% @ 25°C
Electrical characteristics @ 25°C: ±2°C
Typical saturation characteristics
Inductance (typical value in %) vs. nominal current in %
RI series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com