Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF70 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF70
Description  REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 1 Page - Texas Instruments

  REF70_V01 Datasheet HTML 1Page - Texas Instruments REF70_V01 Datasheet HTML 2Page - Texas Instruments REF70_V01 Datasheet HTML 3Page - Texas Instruments REF70_V01 Datasheet HTML 4Page - Texas Instruments REF70_V01 Datasheet HTML 5Page - Texas Instruments REF70_V01 Datasheet HTML 6Page - Texas Instruments REF70_V01 Datasheet HTML 7Page - Texas Instruments REF70_V01 Datasheet HTML 8Page - Texas Instruments REF70_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
1 Features
• Low noise :
– 1/f Noise (0.1 Hz to 10 Hz): 0.22 ppmp-p
– 10 Hz to 1 kHz: 0.5 ppmrms
• Low temperature drift coefficient :
– 2 ppm/°C (maximum for -40°C to 125°C)
• High accuracy: ±0.025% (maximum)
• Available in humidity resistance ceramic package
(LCCC)
• Low dropout: 250 mV
• Wide input voltage: 3 V to 18 V
• Output current: ±10 mA
• Industry standard voltage options: 2.5 V, 3.0 V, 3.3
V, 4.096 V, 5.0 V
• Operating temperature range: −40°C to +125°C
2 Applications
• Precision data acquisition systems
• Industrial instrumentation
• Semiconductor test equipment
• Power monitoring
• PLC analog I/O modules
• Field transmitters
3 Description
The REF70 device family offers a unique combination
of very low noise (0.22 ppmp-p), low thermal drift (2
ppm/°C), and high accuracy (±0.025%). These
characteristics of the REF70, when paired with high-
resolution data converters, enable various end
equipment to achieve their performance targets.
High initial accuracy with very low temperature and
long-term drift help reduce the need for frequent in
system calibration.
LCCC (FKH) package helps improve the long term
drift and thermal hysteresis performance further for
applications requiring a very stable reference.
REF70 is specified for the wide temperature range of
−40°C to +125°C. The wide temperature range
enables the device to operate across various
applications. Contact the TI sales representative for
additional voltage and package options.
Device Information
PART NAME(1)
PACKAGE
BODY SIZE (NOM)
REF7025
LCCC (8)
5.00 mm × 5.00 mm
REF7025
VSSOP (8)
3.00 mm x 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
REF70
ADS124S08
OUT
OPS2320
AIN+
AIN-
VIN
VIN
REFIN
+
+
10µF
Simplified Schematic
Temperature (°C)
-50
-25
0
25
50
75
100
125
2.499
2.49925
2.4995
2.49975
2.5
2.50025
2.5005
2.50075
2.501
Output Voltage Vs Free-Air-Temperature
www.ti.com
REF70
SNAS781 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: REF70
REF70
SNAS781 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - REF70_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
More results

Similar Description - REF70_V01

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF70 TI-REF70 Datasheet
984Kb / 19P
REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com