Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF7025 Datasheet(PDF) 2 Page - Texas Instruments

Part # REF7025
Description  REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7025 Datasheet(HTML) 2 Page - Texas Instruments

  REF7025 Datasheet HTML 1Page - Texas Instruments REF7025 Datasheet HTML 2Page - Texas Instruments REF7025 Datasheet HTML 3Page - Texas Instruments REF7025 Datasheet HTML 4Page - Texas Instruments REF7025 Datasheet HTML 5Page - Texas Instruments REF7025 Datasheet HTML 6Page - Texas Instruments REF7025 Datasheet HTML 7Page - Texas Instruments REF7025 Datasheet HTML 8Page - Texas Instruments REF7025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings ....................................... 4
7.2 ESD Ratings .............................................................. 4
7.3 Recommended Operating Conditions ........................4
7.4 Thermal Information ...................................................4
7.5 REF7025 Electrical Characteristics ........................... 5
7.6 Typical Characteristics................................................ 6
8 Parameter Measurement Information............................ 9
8.1 Solder Heat Shift.........................................................9
8.2 Long-Term Stability................................................... 10
8.3 Thermal Hysteresis................................................... 10
8.4 Power Dissipation..................................................... 10
8.5 Noise Performance................................................... 11
9 Detailed Description......................................................12
9.1 Overview................................................................... 12
9.2 Functional Block Diagram......................................... 12
9.3 Feature Description...................................................12
9.4 Device Functional Modes..........................................12
10 Application and Implementation................................ 13
10.1 Application Information........................................... 13
10.2 Typical Application: Basic Voltage Reference
Connection.................................................................. 13
11 Power Supply Recommendation................................15
12 Layout Guidelines....................................................... 15
13 Layout Example........................................................... 16
14 Device and Documentation Support..........................17
14.1 Documentation Support.......................................... 17
14.2 Receiving Notification of Documentation Updates..17
14.3 Support Resources................................................. 17
14.4 Community Resources............................................17
14.5 Trademarks.............................................................17
14.6 Electrostatic Discharge Caution..............................17
14.7 Glossary..................................................................17
15 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
October 2020
*
Initial APL Release
REF70
SNAS781 – OCTOBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com